Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1235CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1235CSW
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1235CSW Datasheet HTML 2Page - Linear Technology LTC1235CSW Datasheet HTML 3Page - Linear Technology LTC1235CSW Datasheet HTML 4Page - Linear Technology LTC1235CSW Datasheet HTML 5Page - Linear Technology LTC1235CSW Datasheet HTML 6Page - Linear Technology LTC1235CSW Datasheet HTML 7Page - Linear Technology LTC1235CSW Datasheet HTML 8Page - Linear Technology LTC1235CSW Datasheet HTML 9Page - Linear Technology LTC1235CSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1235
6
1235fa
VBATT (Pin 1): Backup battery input. When VCC falls below
VBATT, the status of the BACKUP pin stored in the Memory
Logic controls M2. If the status is high, auxiliary power,
connected to VBATT is delivered to VOUT through M2. If the
status is low, the Memory Logic keeps M2 off and VOUT
is in Battery Saving Mode. If backup battery or auxiliary
power is not used, VBATT should be connected to GND.
VOUT (Pin 2): Voltage output for backed up memory. By-
pass with a capacitor of 0.1μF or greater. During normal
operation, VOUT obtains power from VCC through an NMOS
power switch, M1, which can deliver up to 50mA and has a
typical on resistance of 5Ω. When VCC is lower than VBATT,
the status of the BACKUP pin stored in Memory Logic
controls M2. If the status is high, the Memory Logic turns
on M2 and VOUT is internally switched to VBATT through
M2. If the status is low, the Memory Logic keeps M2 off
and VOUT is in Battery Saving Mode. If VOUT and VBATT
are not used, connect VOUT to VCC.
VCC (Pin 3): +5V supply input. The VCC pin should be
bypassed with a 0.1μF capacitor.
GND (Pin 4):
Ground pin.
BATT ON (Pin 5):
Battery on logic output from comparator
C2. BATT ON goes low when VOUT is internally connected
to VCC. The output typically sinks 35mA and can provide
base drive for an external PNP transistor to increase the
output current above the 50mA rating of VOUT. BATT ON
goes high when VCC falls below VBATT, if the status of the
BACKUP pin stored in Memory Logic is high and VOUT is
switched to VBATT.
LOW LINE (Pin 6):
Logic output from comparator C1.
LOW LINE indicates a low line condition at the VCC input.
When VCC falls below the reset voltage threshold (4.65V
typically), LOW LINE goes low. As soon as VCC rises above
the reset voltage threshold, LOW LINE returns high (see
Figure 1). LOW LINE goes low when VCC drops below VBATT
(see Table 1).
PB RST(Pin 7):
Logic input for direct connection to a push-
button. The push-button reset input requires an active low
signal. Internally, this input signal is debounced and timed
for a minimum of 40ms. When this condition is satisfied,
the reset pulse generator forces RESET to active low. The
RESETsignalwillremainactivelowforaminimumof140ms
PIN FUNCTIONS
from the moment the push-button reset input is released
from logic low level. Pulled to VCC with 60k.
Backup (Pin 8):
Logic input to control the PMOS switch,
M2, when VCC is lower than VBATT. While VCC is falling
through the reset voltage threshold, the status of the
BACKUP pin (logic low or logic high) is latched in Memory
Logic and used to turn on or off M2 when VCC is below
VBATT. If the latched status of the BACKUP pin is high,
the Memory Logic turns on M2 when VCC falls to 50mV
greater than VBATT. If the latched status of the BACKUP
pin is low, the Memory Logic keeps M2 off even after VCC
falls below VBATT. If the BACKUP pin is left floating it will
be pulled high by an internal pullup and the LTC1235 will
provide battery backup when VCC falls.
PFI (Pin 9):
Power Failure Input. PFI is the noninverting
input to the Power Fail Comparator, C3. The inverting input
is internally connected to a 1.3V reference. The Power
Failure Output remains high when PFI is above 1.3V and
goes low when PFI is below 1.3V. Connect PFI to GND or
VOUT when C3 is not used.
PFO (Pin 10): Power Failure Output from C3. PFO remains
high when PFI is above 1.3V and goes low when PFI is
below 1.3V. When VCC is lower than VBATT, C3 is shut
down and PFO is forced low.
WDI (Pin 11):
Watchdog Input, WDI, is a three level
input. Driving WDI either high or low for longer than the
watchdog time-out period, forces both RESET and WDO
low. Floating WDI disables the Watchdog Timer. The timer
resets itself with each transition of the Watchdog Input
(see Figure 11).
CE OUT(Pin 12): Logic output from the Chip Enable gating
circuit. When VCC is above the reset voltage threshold, CE
OUT is a buffered replica of CE IN. When VCC is below
the reset voltage threshold CE OUT is forced high (see
Figure 6).
CE IN (Pin 13): Logic input to the Chip Enable gating cir-
cuit. CE IN can be derived from microprocessor’s address
line and/or decoder output. See Applications Information
Section and Figure 6 for additional information.
WDO (Pin 14): Watchdog logic output. When the watch-
dog input remains either high or low for longer than the
watchdog time-out period, WDO goes low. WDO is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com