Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1235CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1235CSW
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1235CSW Datasheet HTML 1Page - Linear Technology LTC1235CSW Datasheet HTML 2Page - Linear Technology LTC1235CSW Datasheet HTML 3Page - Linear Technology LTC1235CSW Datasheet HTML 4Page - Linear Technology LTC1235CSW Datasheet HTML 5Page - Linear Technology LTC1235CSW Datasheet HTML 6Page - Linear Technology LTC1235CSW Datasheet HTML 7Page - Linear Technology LTC1235CSW Datasheet HTML 8Page - Linear Technology LTC1235CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1235
3
1235fa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Backup Switching
Operating Voltage Range
VCC
VBATT
4.75
2.00
5.50
4.25
V
V
VOUT Output Voltage
IOUT = 1mA
IOUT = 50mA
l
VCC – 0.05
VCC – 0.1
VCC – 0.5
VCC – 0.005
VCC – 0.005
VCC – 0.25
V
V
V
BACKUP Input Threshold
VCC > Reset Voltage Threshold
Logic Low
Logic High
2.0
0.8
V
V
BACKUP Pullup Current (Note 4)
3μA
VOUT in Battery Backup Mode (Note 5)
IOUT = 250μA, VCC < VBATT
VBATT – 0.1 VBATT – 0.02
V
VOUT in Battery Saving Mode (Note 5)
VCC < VBATT
1MΩ Pulldown on VOUT
0V
V
VCC Supply Current (excluding IOUT)IOUT ≤ 50mA
l
0.6
0.6
1.5
2.5
mA
mA
Battery Supply Current in Battery Backup Mode
and Battery Saving Mode (Note 5)
VCC = 0V, VBATT = 2.8V
l
0.04
0.04
1
5
μA
μA
Battery Standby Current
(+ = Discharge, – = Charge)
5.5 > VCC > VBATT + 0.2V
l
–0.1
–1.0
+0.02
+0.10
μA
μA
Battery Switchover Threshold
VCC – VBATT
Power-Up
Power-Down
70
50
mV
mV
Battery Switchover Hysteresis
20
mV
BATT ON Output Voltage (Note 6)
ISINK = 3.2mA
0.4
V
BATT ON Output Short Circuit Current (Note 6)
BATT ON = VOUT Sink Current
BATT ON = 0V Source Current
0.5
35
125
mA
μA
Push-Button Reset
PB RST Input Threshold
Logic Low
Logic High
2.0
0.8
V
V
PB RST Input Low Time (Notes 4, 7)
l
40
ms
Reset and Watchdog Timer
Reset Voltage Threshold
l
4.5
4.65
4.75
V
Reset Threshold Hysteresis
40
mV
Reset Active Time
VCC = 5V
l
60
140
200
200
240
280
ms
ms
Watchdog Time-out Period
VCC = 5V
l
1.2
1.0
1.6
1.6
2.00
2.25
sec
sec
Reset Active Time PSRR
1ms/V
Watchdog Time-out Period PSRR
8ms/V
Minimum WDI Input Pulse Width
VIL = 0.4V, VIH = 3.5V
l
200
ns
RESET Output Voltage At VCC = 1V
ISINK = 10μA, VCC = 1V
4
200
mV
RESET and LOW LINE Output Voltage
(Note 6)
ISINK = 1.6mA, VCC = 4.25V
ISOURCE = 1μA, VCC = 5V
3.5
0.4
V
V
RESET and WDO Output Voltage
(Note 6)
ISINK = 1.6mA, VCC = 5V
ISOURCE = 1μA, VCC = 4.25V
3.5
0.4
V
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = Full Operating Range, VBATT = 2.8V, Backup = No Connection,
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com