Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1235CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1235CSW
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1235CSW Datasheet HTML 1Page - Linear Technology LTC1235CSW Datasheet HTML 2Page - Linear Technology LTC1235CSW Datasheet HTML 3Page - Linear Technology LTC1235CSW Datasheet HTML 4Page - Linear Technology LTC1235CSW Datasheet HTML 5Page - Linear Technology LTC1235CSW Datasheet HTML 6Page - Linear Technology LTC1235CSW Datasheet HTML 7Page - Linear Technology LTC1235CSW Datasheet HTML 8Page - Linear Technology LTC1235CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1235
4
1235fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESET, RESET, WDO, LOW LINE
Output Short Circuit Current (Note 6)
Output Source Current
Output Sink Current
13
25
25
μA
mA
WDI Input Threshold
Logic Low
Logic High
2.0
0.8
V
V
WDI Input Current
WDI = VOUT
WDI = 0V
l
l
–50
4
–8
50
μA
μA
Power Fail Detector
PFI Input Threshold
VCC = 5V
l
1.25
1.3
1.35
V
PFI Input Threshold PSRR
0.3
mV/V
PFI Input Current
±0.01
±25
nA
PFO Output Voltage (Note 6)
ISINK = 3.2mA
ISOURCE = 1A
3.5
0.4
V
V
PFO Short Circuit Source Current
(Note 6)
PFI = HIGH, PFO = 0V
PFI = LOW, PFO = VOUT
13
30
25
μA
mA
PFI Comparator Response Time (falling)
ΔVIN = –20mV, VOD = 15mV
2
μs
PFI Comparator Response Time (rising)
(Note 6)
ΔVIN = 20mV, VOD = 15mV
with 10kΩ Pullup
40
8
μs
μs
Chip Enable Gating
CE IN Threshold
VIL
VIH
2.0
0.8
V
V
CE IN Pullup Current (Note 4)
3μA
CE OUT Output Voltage
ISINK = 3.2mA
ISOURCE = 3.0mA
ISOURCE = 1μA, VCC = 0V
VOUT – 1.50
VOUT – 0.05
0.4
V
V
V
CE Propagation Delay
VCC = 5V, CL = 20pF
l
20
20
35
45
ns
ns
CE OUT Output Short Circuit Current
Output Source Current
Output Sink Current
30
35
mA
mA
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: For military temperature range parts, consult the factory.
Note 4: The input pins of PB RST, BACKUP and CE IN, have weak internal
pullups which pull to the supply when the input pins are floating.
Note 5: The LTC1235 can be programmed either to provide or not to
provide battery backup power to the VOUT pin during power failure.
The power down condition of VOUT is selected by the logic level of the
BACKUP pin which is latched internally when VCC falls through the reset
voltage threshold. If the latched logic level of the BACKUP pin is high,
VOUT will be in Battery Backup Mode and will be switched to VBATT when
VCC falls below VBATT. If the latched logic level of the BACKUP pin is low,
VOUT will be in Battery Saving Mode when VCC falls below VBATT.
Note 6: The output pins of BATT ON, LOW LINE, PFO, WDO, RESET and
RESET have weak internal pullups of typically 3A. However, external
pullup resistors may be used when higher speed is required.
Note 7: The push-button reset input requires an active low signal.
Internally, this input signal is debounced and timed for a minimum of
40ms. When this condition is satisfied, the reset outputs go to the active
states. The reset outputs will remain in active states for a minimum of
140ms from the moment the push-button reset input is released from
logic low level.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = Full Operating Range, VBATT = 2.8V, Backup = No Connection,
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com