Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1563-3IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1563-3IGN
Description  Active RC, 4th Order Lowpass Filter Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-3IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1563-3IGN Datasheet HTML 3Page - Linear Technology LTC1563-3IGN Datasheet HTML 4Page - Linear Technology LTC1563-3IGN Datasheet HTML 5Page - Linear Technology LTC1563-3IGN Datasheet HTML 6Page - Linear Technology LTC1563-3IGN Datasheet HTML 7Page - Linear Technology LTC1563-3IGN Datasheet HTML 8Page - Linear Technology LTC1563-3IGN Datasheet HTML 9Page - Linear Technology LTC1563-3IGN Datasheet HTML 10Page - Linear Technology LTC1563-3IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1563-2/LTC1563-3
156323fa
THD + Noise vs Output Load
THD + Noise vs Output Load
Output Voltage Noise vs Cutoff
Frequency
THD + Noise vs Output Load
THD + Noise vs Output Load
Stopband Gain vs Input Frequency
Crosstalk Rejection vs Frequency
Crosstalk Rejection vs Frequency
OUTPUT LOAD RESISTANCE—LOAD TO GROUND (k
Ω)
0123456789
10
1563 G19
–70
–75
–80
–85
–90
–95
–100
LP MODE,
3VP-P SIGNAL
LP MODE,
2VP-P SIGNAL
HS MODE,
3VP-P SIGNAL
HS MODE,
2VP-P SIGNAL
VS = SINGLE 5V
fC = 25.6kHz
fIN = 5kHz
OUTPUT LOAD RESISTANCE—LOAD TO GROUND (k
Ω)
0123456789
10
1563 G20
–70
–75
–80
–85
–90
–95
–100
VS = SINGLE 5V
HIGH SPEED MODE
fC = 256kHz
fIN = 20kHz, 50kHz
3VP-P, 20kHz
3VP-P, 50kHz
2VP-P, 50kHz
2VP-P, 20kHz
fC (Hz)
60
50
40
30
20
10
0k
0.1
10
100
1000
1563 G21
1
TA = 25°C
HS MODE
LP MODE
OUTPUT LOAD RESISTANCE—LOAD TO GROUND (k
Ω)
0123456789
10
1563 G22
–70
–75
–80
–85
–90
–95
–100
LP MODE,
5VP-P SIGNAL
LP MODE,
2VP-P SIGNAL
HS MODE,
5VP-P SIGNAL
HS MODE,
2VP-P SIGNAL
VS = ± 5V
fC = 25.6kHz
fIN = 5kHz
–70
–75
–80
–85
–90
–95
–100
OUTPUT LOAD RESISTANCE—LOAD TO GROUND (k
Ω)
0123456789
10
1563 G23
5VP-P, 50kHz
2VP-P, 20kHz
2VP-P, 20kHz
2VP-P, 50kHz
VS = ± 5V
HIGH SPEED MODE
fC = 256kHz
fIN = 20kHz, 50kHz
FREQUENCY (kHz)
1
–60
–70
–80
–90
–100
–110
10
100
1563 G25
DUAL SECOND ORDER
BUTTERWORTH
fC = 25.6kHz
HS OR LP MODE
FREQUENCY (Hz)
1k
10k
100k
1M
1563 G26
–60
–70
–80
–90
–100
–110
DUAL SECOND ORDER
BUTTERWORTH
fC = 256kHz
HIGH SPEED MODE
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10k
1M
10M
100M
1563 G24
100k
LTC1563-3
LTC1563-2
fC = 256kHz
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com