Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1563-3IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1563-3IGN
Description  Active RC, 4th Order Lowpass Filter Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-3IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC1563-3IGN Datasheet HTML 1Page - Linear Technology LTC1563-3IGN Datasheet HTML 2Page - Linear Technology LTC1563-3IGN Datasheet HTML 3Page - Linear Technology LTC1563-3IGN Datasheet HTML 4Page - Linear Technology LTC1563-3IGN Datasheet HTML 5Page - Linear Technology LTC1563-3IGN Datasheet HTML 6Page - Linear Technology LTC1563-3IGN Datasheet HTML 7Page - Linear Technology LTC1563-3IGN Datasheet HTML 8Page - Linear Technology LTC1563-3IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1563-2/LTC1563-3
156323fa
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Swing High vs
Load Resistance
Output Voltage Swing High vs
Load Resistance
Output Voltage Swing High vs
Load Resistance
Output Voltage Swing Low vs
Load Resistance
Output Voltage Swing Low vs
Load Resistance
Output Voltage Swing Low vs
Load Resistance
THD + Noise vs Input Voltage
THD + Noise vs Input Voltage
THD + Noise vs Input Voltage
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1k
10k
100k
1563 G01
VS = SINGLE 3.3V
LP MODE
HS MODE
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
5.5
5.0
4.5
4.0
3.5
3.0
2.5
1k
10k
100k
1563 G02
HS MODE
LP MODE
VS = SINGLE 5V
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
5.5
5.0
4.5
4.0
3.5
3.0
2.5
1k
10k
100k
1563 G03
HS MODE
LP MODE
VS = ±5V
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
0.025
0.020
0.015
0.010
0.005
0
1k
10k
100k
1563 G04
HS MODE
LP MODE
VS = SINGLE 3.3V
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
0.025
0.020
0.015
0.010
0.005
0
1k
10k
100k
1563 G05
HS MODE
LP MODE
VS = SINGLE 5V
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
–4.3
–4.4
–4.5
–4.6
–4.7
–4.8
–4.9
–5.0
1k
10k
100k
1563 G06
VS = ± 5V
HS MODE
LP MODE
INPUT VOLTAGE (VP-P)
0.1
–40
–50
–60
–70
–80
–90
–100
110
1563 G07
3.3V SUPPLY
5V SUPPLY
±5V SUPPLY
fC = 25.6kHz
LOW POWER MODE
fIN = 5kHz
INPUT VOLTAGE (VP-P)
0.1
–40
–50
–60
–70
–80
–90
–100
110
1563 G08
3.3V SUPPLY
5V SUPPLY
±5V SUPPLY
fC = 25.6kHz
HIGH SPEED MODE
fIN = 5kHz
INPUT VOLTAGE (VP-P)
0.1
–40
–50
–60
–70
–80
–90
–100
110
1563 G09
3.3V SUPPLY
5V SUPPLY
±5V SUPPLY
fC = 256kHz
HIGH SPEED MODE
fIN = 50kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com