Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1563-3IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1563-3IGN
Description  Active RC, 4th Order Lowpass Filter Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-3IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1563-3IGN Datasheet HTML 2Page - Linear Technology LTC1563-3IGN Datasheet HTML 3Page - Linear Technology LTC1563-3IGN Datasheet HTML 4Page - Linear Technology LTC1563-3IGN Datasheet HTML 5Page - Linear Technology LTC1563-3IGN Datasheet HTML 6Page - Linear Technology LTC1563-3IGN Datasheet HTML 7Page - Linear Technology LTC1563-3IGN Datasheet HTML 8Page - Linear Technology LTC1563-3IGN Datasheet HTML 9Page - Linear Technology LTC1563-3IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1563-2/LTC1563-3
156323fa
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
THD + Noise vs Input Frequency
INPUT FREQUENCY (kHz)
1
10
1563 G10
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
VS = SINGLE 3.3V
LOW POWER MODE
fC = 25.6kHz
INPUT FREQUENCY (kHz)
1
10
1563 G11
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
VS = SINGLE 3.3V
HIGH SPEED MODE
fC = 25.6kHz
–40
–50
–60
–70
–80
–90
–100
INPUT FREQUENCY (kHz)
1
10
100
1563 G12
200
1VP-P
2VP-P
VS = SINGLE 3V
HIGH SPEED MODE
fC = 256kHz
INPUT FREQUENCY (kHz)
1
10
1563 G13
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
3VP-P
VS = SINGLE 5V
LOW POWER MODE
fC = 25.6kHz
INPUT FREQUENCY (kHz)
1
10
1563 G14
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
3VP-P
VS = SINGLE 5V
HIGH SPEED MODE
fC = 25.6kHz
–40
–50
–60
–70
–80
–90
–100
INPUT FREQUENCY (kHz)
1
10
100
1563 G15
200
1VP-P
2VP-P
3VP-P
VS = SINGLE 5V
HIGH SPEED MODE
fC = 256kHz
INPUT FREQUENCY (kHz)
1
10
1563 G16
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
5VP-P
VS = ± 5V
LOW POWER MODE
fC = 25.6kHz
INPUT FREQUENCY (kHz)
1
10
1563 G17
–60
–70
–80
–90
–100
20
1VP-P
2VP-P
5VP-P
VS = ± 5V
HIGH SPEED MODE
fC = 25.6kHz
–40
–50
–60
–70
–80
–90
–100
INPUT FREQUENCY (kHz)
1
10
100
1563 G18
200
1VP-P
5VP-P
2VP-P
VS = ± 5V
HIGH SPEED MODE
fC = 256kHz
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com