Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1563-3IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1563-3IGN
Description  Active RC, 4th Order Lowpass Filter Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-3IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1563-3IGN Datasheet HTML 12Page - Linear Technology LTC1563-3IGN Datasheet HTML 13Page - Linear Technology LTC1563-3IGN Datasheet HTML 14Page - Linear Technology LTC1563-3IGN Datasheet HTML 15Page - Linear Technology LTC1563-3IGN Datasheet HTML 16Page - Linear Technology LTC1563-3IGN Datasheet HTML 17Page - Linear Technology LTC1563-3IGN Datasheet HTML 18Page - Linear Technology LTC1563-3IGN Datasheet HTML 19Page - Linear Technology LTC1563-3IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1563-2/LTC1563-3
156323fa
Single Supply, 10kHz, Bandpass Filter
Maximum Fcenter = 120kHz (–3dB Bandwidth = Fcenter/10)
Frequency Response
LT 1205 REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2005
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1560-1
5-Pole Elliptic Lowpass, fC = 1MHz/0.5MHz
No External Components, SO-8
LTC1562
Universal Quad 2-Pole Active RC
10kHz < fO < 150kHz
LTC1562-2
Universal Quad 2-Pole Active RC
20kHz < fO < 300kHz
LTC1569-6
Low Power 10-Pole Delay Equalized Elliptic Lowpass
fC < 80kHz, One Resistor Sets fC, SO-8
LTC1569-7
10-Pole Delay Equalized Elliptic Lowpass
fC < 256kHz, One Resistor Sets fC, SO-8
LTC1565-31
650kHz Continuous Time, Linear Phase Lowpass
fC = 650kHz, Differential In/Out
LTC1568
Very Low Noise 4th Order Filter Building Block
fC < 10MHz
TYPICAL APPLICATIO S
FREQUENCY (Hz)
1K
–36
–30
–24
–12
–18
10K
100K
1M
1563 TA12a
–48
–54
–42
–60
6
0
–6
Frequency Response
FREQUENCY (kHz)
5
–24
–21
–15
–12
–9
15
3
1563 TA11a
–18
10
7.5
17.5
12.5
20
–6
–3
0
LP
SA
NC
INVA
NC
LPA
AGND
V–
V+
LPB
NC
INVB
NC
SB
NC
EN
VOUT
V+
VIN
1563 TA11
R1
31.6k
R3
200k
R4
200k
R2
4.99k
0.1
µF
LTC1563-2
0.1
µF
GAIN AT fCENTER =
MAXIMUM GAIN = 120kHz/fCENTER
R2 = 4.99k
R3 = R4 = R
R =
31.6k
R1
1021
fCENTER • (fCENTER
2 + 5 • 1011)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Single Supply, 100kHz, Elliptic Lowpass Filter
Maximum Fcutoff = 120kHz
LP
SA
NC
INVA
NC
LPA
AGND
V–
V+
LPB
NC
INVB
NC
SB
NC
EN
VOUT
V+
VIN
1563 TA12
R1
32.4k
R4
32.4k
R5
32.4k
R6
21k
R3
15k
R2
32.4k
0.1
µF
LTC1563-2
CIN
27pF
0.1
µF
PASSBAND GAIN = 0dB
STOPBAND ATTENUATION = 26dB AT 1.5X fCUTOFF
CIN = 27pF R2 = R4 = R5 = R1
R1 =
R3 =
R6 =
3.24 • 109
fCUTOFF
R1
2.16
R1
1.54
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com