Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1563-3IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1563-3IGN
Description  Active RC, 4th Order Lowpass Filter Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-3IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1563-3IGN Datasheet HTML 12Page - Linear Technology LTC1563-3IGN Datasheet HTML 13Page - Linear Technology LTC1563-3IGN Datasheet HTML 14Page - Linear Technology LTC1563-3IGN Datasheet HTML 15Page - Linear Technology LTC1563-3IGN Datasheet HTML 16Page - Linear Technology LTC1563-3IGN Datasheet HTML 17Page - Linear Technology LTC1563-3IGN Datasheet HTML 18Page - Linear Technology LTC1563-3IGN Datasheet HTML 19Page - Linear Technology LTC1563-3IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1563-2/LTC1563-3
156323fa
TYPICAL APPLICATIO S
4096 Point FFT of the Output Data
22kHz, 5th Order, 0.1dB Ripple Chebyshev Lowpass Filter
Driving the LTC1604, 16-Bit ADC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LP
SA
NC
INVA
NC
LPA
AGND
V–
V+
LPB
NC
INVB
NC
SB
NC
EN
5V
VIN
5V
R31
82.5k
R32
78.7k
R22
137k
R21
243k
0.1
µF
LTC1563-2
0.1
µF
C11
560pF
R12 137k
RA1 26.7k
RB1 215k
+
+
1
2
3
4
5
6
7
8
9
10
34
AIN
+
AIN
–
VREF
REFCOMP
AGND
AGND
AGND
AGND
DVDD
DGND
VSS
35
36
33
32
31
30
27
11 TO 26
29
28
AVDD
AVDD
SHDN
CS
CONVST
RD
BUSY
OVDD
OGND
LTC1604
560pF
2.2
µF
47
µF
49.9
Ω
10
µF
10
µF
10
µF
10
µF
5V OR 3V
16-BIT
PARALLEL BUS
µP
CONTROL
LINES
5V
10
Ω
–5V
–5V
10
µF
1563 TA08
0
–20
–40
–60
–80
–100
–120
–140
0
36.58
73.15
109.73
146.30
FREQUENCY (kHz)
fSAMPLE = 292.6kHz
fIN = 20kHz
SINAD = 85dB
THD = –91.5dB
1563 TA08a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com