Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1606ACSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1606ACSW
Description  16-Bit, 250ksps, Single Supply ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606ACSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1606ACSW Datasheet HTML 6Page - Linear Technology LTC1606ACSW Datasheet HTML 7Page - Linear Technology LTC1606ACSW Datasheet HTML 8Page - Linear Technology LTC1606ACSW Datasheet HTML 9Page - Linear Technology LTC1606ACSW Datasheet HTML 10Page - Linear Technology LTC1606ACSW Datasheet HTML 11Page - Linear Technology LTC1606ACSW Datasheet HTML 12Page - Linear Technology LTC1606ACSW Datasheet HTML 13Page - Linear Technology LTC1606ACSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1606
1606fa
changing between 1111 1111 1111 1111 and 0000 0000
0000 0000. The gain error is trimmed by adjusting resistor
R4. An input voltage of 9.999542V (+FS – 1.5LSB) is
applied to VIN and R4 is adjusted until the output code is
changing between 0111 1111 1111 1110 and 0111 1111
1111 1111. Figure 6 shows the bipolar transfer character-
istic of the LTC1606.
If the external resistors are not used, the resulting offset
and gain error ranges are shown in Table 1.
DC Performance
One way of measuring the transition noise associated with
a high resolution ADC is to use a technique where a DC
signal is applied to the input of the ADC and the resulting
output codes are collected over a large number of conver-
sions. For example in Figure 7, the distribution of output
code is shown for a DC input that has been digitized 4096
times. The distribution is Gaussian and the RMS code
transition is about 0.65LSB.
DIGITAL INTERFACE
Internal Clock
The ADC has an internal clock that is trimmed to achieve
a typical conversion time of 2.3
µs. No external adjust-
ments are required and, with the typical acquisition time of
1
µs, throughput performance of 250ksps is assured.
+
5
4
3
2
1
10
µF
2.2
µF
33.2k
1%
100k
±10V INPUT
200
Ω
1%
VIN
AGND1
REF
CAP
AGND2
LTC1606
1606 • F05
392k
R4
50k
R3
50k
5V
Figure 5.
±10V Input with Offset and Gain Trim
INPUT VOLTAGE (V)
0V
–1
LSB
1606 • F06
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FS/2 – 1LSB
–FS/2
FS = 20V
1LSB = FS/65536
Figure 6. LTC1606 Bipolar Transfer Characteristics
Table 1
WITH BOTH EXTERNAL
WITHOUT THE EXTERNAL
WITHOUT EITHER EXTERNAL
ERROR TERM
RESISTORS INCLUDED
33.2k RESISTOR
RESISTOR INCLUDED
Offset Error
– 10mV < Error < 10mV
10mV < Error< 55mV
54mV < Error < 155mV
+ Full-Scale Error
– 0.25% < Error < 0.25%
– 0.50% < Error < 0.50%
– 1.3% < Error < –0.10%
– 3.40% < Error < –0.85%
– Full-Scale Error
– 0.25% < Error < 0.25%
– 0.50% < Error < 0.50%
0.25% < Error < 1.40%
2.10% < Error < 6.15%
APPLICATIO S I FOR ATIO
Figure 7. Histogram for 4096 Conversions
2500
2000
1500
1000
500
0
–3
–2
–1
0
1
2
3
4
CODE
1606 • F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com