Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1606ACSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1606ACSW
Description  16-Bit, 250ksps, Single Supply ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606ACSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1606ACSW Datasheet HTML 8Page - Linear Technology LTC1606ACSW Datasheet HTML 9Page - Linear Technology LTC1606ACSW Datasheet HTML 10Page - Linear Technology LTC1606ACSW Datasheet HTML 11Page - Linear Technology LTC1606ACSW Datasheet HTML 12Page - Linear Technology LTC1606ACSW Datasheet HTML 13Page - Linear Technology LTC1606ACSW Datasheet HTML 14Page - Linear Technology LTC1606ACSW Datasheet HTML 15Page - Linear Technology LTC1606ACSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1606
1606fa
Dimensions in inches (millimeters) unless otherwise noted.
G Package
28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
PACKAGE DESCRIPTIO
G28 SSOP 1098
0.13 – 0.22
(0.005 – 0.009)
0
° – 8°
0.55 – 0.95
(0.022 – 0.037)
5.20 – 5.38**
(0.205 – 0.212)
7.65 – 7.90
(0.301 – 0.311)
12 3
4
5
6 7 8
9 10 11 12
14
13
10.07 – 10.33*
(0.397 – 0.407)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
1.73 – 1.99
(0.068 – 0.078)
0.05 – 0.21
(0.002 – 0.008)
0.65
(0.0256)
BSC
0.25 – 0.38
(0.010 – 0.015)
NOTE: DIMENSIONS ARE IN MILLIMETERS
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com