Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1606ACSW Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1606ACSW
Description  16-Bit, 250ksps, Single Supply ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606ACSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1606ACSW Datasheet HTML 8Page - Linear Technology LTC1606ACSW Datasheet HTML 9Page - Linear Technology LTC1606ACSW Datasheet HTML 10Page - Linear Technology LTC1606ACSW Datasheet HTML 11Page - Linear Technology LTC1606ACSW Datasheet HTML 12Page - Linear Technology LTC1606ACSW Datasheet HTML 13Page - Linear Technology LTC1606ACSW Datasheet HTML 14Page - Linear Technology LTC1606ACSW Datasheet HTML 15Page - Linear Technology LTC1606ACSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1606
1606fa
PART NUMBER
DESCRIPTION
COMMENTS
LTC1274/LTC1277
Low Power 12-Bit, 100ksps ADCs
10mW Power Dissipation, Parallel/Byte Interface
LTC1415
Single 5V, 12-Bit, 1.25Msps ADC
55mW Power Dissipation, 72dB SINAD
LTC1418
14-Bit, 200ksps ADC
15mW, Serial or Parallel Interface
LTC1419
Low Power 14-Bit, 800ksps ADC
True 14-Bit Linearity, 81.5dB SINAD, 150mW Dissipation
LT1460-2.5
Micropower Precision Series Reference
0.075% Max, 10ppm/
°C Max, Only 130µA Supply Current
LT1461
Precision Bandgap Reference
0.04% Max, 3ppm/
°C Max
LTC1594/LTC1598
Micropower 4-/8-Channel 12-Bit ADCs
Serial I/O, 3V and 5V Versions
LTC1604
16-Bit, 333ksps ADC
±2.5V Input, 90dB SINAD, 100dB THD, No Missing Codes
LTC1605
16-Bit, 100kHz ADC
Pin Compatible with LTC1606
LTC1605-1/LTC1605-2
16-Bit, 100kHz ADC
0V to 4V/
±4V Input Range, Pin Compatible with LTC1606
LTC1608
16-Bit, 500ksps ADC
±2.5V Input, No Missing Codes, Pin Compatible with LTC1604
© LINEAR TECHNOLOGY CORPORATION 2000
LT/LT 0605 REV A • PRINTED IN THE USA
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX:(408)434-0507 ● www.linear-tech.com
TYPICAL APPLICATIO
+
16-BIT
SAMPLING ADC
9k
4k
R2
200
Ω
R1
50
Ω
7.35k
2.5V
2.5k
R3
33.2k
C1
1000pF
1.65x
BUFFER
REF
3
4.096V
±10V
15V
–15V
0.1
µF
0.1
µF
6
7
3
VIN
±10V
RS ≤ 20k
2
4
4
1
2.2
µF
10
µF
CAP
VIN
LTC1606
28
27
5V
6 TO 13
15 TO 22
CONTROL
LOGIC AND
TIMING
BUSY
CS
R/C
BYTE
26
25
24
23
D15 TO D0
DIGITAL
CONTROL
SIGNALS
16-BIT
OR 2 BYTE
PARALLEL
BUS
AGND1
25
14
1606 TA02
SINGLE POINT GROUND
AGND2
VDIG
VANA
DGND
0.1
µF
10
µF
REFERENCE
–
+
LT1468
High Impedance Buffered Input Exhibits 100dB SFDR and 98dB THD Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com