Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1606ACSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1606ACSW
Description  16-Bit, 250ksps, Single Supply ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606ACSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1606ACSW Datasheet HTML 1Page - Linear Technology LTC1606ACSW Datasheet HTML 2Page - Linear Technology LTC1606ACSW Datasheet HTML 3Page - Linear Technology LTC1606ACSW Datasheet HTML 4Page - Linear Technology LTC1606ACSW Datasheet HTML 5Page - Linear Technology LTC1606ACSW Datasheet HTML 6Page - Linear Technology LTC1606ACSW Datasheet HTML 7Page - Linear Technology LTC1606ACSW Datasheet HTML 8Page - Linear Technology LTC1606ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1606
1606fa
LTC1606
LTC1606A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-(Noise + Distortion) Ratio 1kHz Input Signal (Note 14)
90
90
dB
10kHz Input Signal
83
90
87
90
dB
20kHz, – 60dB Input Signal
30
30
dB
THD
Total Harmonic Distortion
1kHz Input Signal, First 5 Harmonics
– 102
– 102
dB
10kHz Input Signal, First 5 Harmonics
– 87
– 94
– 89
– 94
dB
Peak Harmonic or Spurious Noise
1kHz Input Signal
– 102
– 102
dB
10kHz Input Signal
– 94
– 94
dB
Full-Power Bandwidth
(Note 15)
275
275
kHz
Aperture Delay
40
40
ns
Aperture Jitter
Sufficient to Meet AC Specs Sufficient to Meet AC Specs
Transient Response
Full-Scale Step (Note 9)
1
1
µs
Overvoltage Recovery
(Note 16)
150
150
ns
LTC1606/LTC1606A
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
●
2.470
2.500
2.520
V
VREF Output Tempco
IOUT = 0
±5
ppm/
°C
Internal Reference Source Current
1
µA
External Reference Voltage for Specified Linearity
(Notes 9, 10)
2.30
2.50
2.70
V
External Reference Current Drain
Ext. Reference = 2.5V (Note 9)
●
100
µA
CAP Output Voltage
IOUT = 0
4.096
V
(Notes 5, 14)
The
● indicates specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
The
● indicates specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
LTC1606/LTC1606A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 9)
4.75V
≤ VANA ≤ 5.25V, 4.75V ≤ VDIG ≤ 5.25V
●
±10
V
CIN
Analog Input Capacitance
10
pF
RIN
Analog Input Impedance
10
k
Ω
A ALOG I PUT
DY A IC ACCURACY
I TER AL REFERE CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com