Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1606ACSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1606ACSW
Description  16-Bit, 250ksps, Single Supply ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606ACSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1606ACSW Datasheet HTML 1Page - Linear Technology LTC1606ACSW Datasheet HTML 2Page - Linear Technology LTC1606ACSW Datasheet HTML 3Page - Linear Technology LTC1606ACSW Datasheet HTML 4Page - Linear Technology LTC1606ACSW Datasheet HTML 5Page - Linear Technology LTC1606ACSW Datasheet HTML 6Page - Linear Technology LTC1606ACSW Datasheet HTML 7Page - Linear Technology LTC1606ACSW Datasheet HTML 8Page - Linear Technology LTC1606ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1606
1606fa
16-Bit, 250ksps,
Single Supply ADC
The LTC
®1606 is a 250ksps, sampling 16-bit A/D con-
verter that draws only 75mW (typical) from a single 5V
supply. This easy-to-use device includes sample-and-
hold, precision reference, switched capacitor successive
approximation A/D and trimmed internal clock.
The LTC1606’s input range is an industry standard
±10V.
Maximum DC specs include
±2.0LSB INL and 16 bits no
missing codes over temperature. An external reference
can be used if greater accuracy over temperature is
needed.
The 90dB signal-to-noise ratio offers an improvement of
3dB over competing devices, and the RMS transition noise
is reduced (0.65LSB vs 1LSB) relative to competitive
parts.
The ADC has a microprocessor compatible, 16-bit or two
byte parallel output port. A convert start input and a data
ready signal (BUSY) ease connections to FIFOs, DSPs and
microprocessors.
■ Sample Rate: 250ksps
■ Single 5V Supply
■ Bipolar Input Range:
±10V
■ Signal-to-Noise Ratio: 90dB Typ
■ Power Dissipation: 75mW Typ
■ Guaranteed No Missing Codes
■ Integral Nonlinearity:
±2.0LSB Max
■ Operates with Internal or External Reference
■ Internal Synchronized Clock
■ 28-Pin SSOP and SO Packages
■ 100ksps Version (LTC1605)
■ Improved 2nd Source to AD976A and ADS7805
■ Available in 28-Lead Plastic SSOP and SO Packages
■ Industrial Process Control
■ Multiplexed Data Acquisition Systems
■
High Speed Data Acquisition for PCs
■ Digital Signal Processing
Low Power, 250kHz, 16-Bit Sampling ADC on 5V Supply
4k
7.35k
200
Ω
REFERENCE
2.5k
9k
16-BIT
SAMPLING ADC
D15 TO D0
33.2k
10
µF
10
µF
0.1
µF
2.2
µF
±10V
INPUT
VIN
LTC1606
CAP
REF
AGND1
1
4
3
2
AGND2
5
DGND
14
CONTROL
LOGIC AND
TIMING
BUSY
BYTE
CS
R/C
28
27
6 TO 13
15 TO 22
26
25
24
23
DIGITAL
CONTROL
SIGNALS
1606 TA01
16-BIT
OR 2 BYTE
PARALLEL
BUS
5V
VDIG VANA
1.64x
BUFFER
4.096V
2.5V
FEATURES
DESCRIPTIO
APPLICATIO S
BASIC CO FIGURATIO
Typical INL Curve
CODE
0
0
1.0
65535
1606 G04
–1.0
–2.0
16384
32768
49152
2.0
–0.5
0.5
–1.5
1.5
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1606ACSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606AC LINER-LTC1606AC Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
LTC1606ACG LINER-LTC1606ACG Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
More results

Similar Description - LTC1606ACSW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
Single-Supply 16-Bit Stereo ADC
AD1877 AD-AD1877 Datasheet
253Kb / 18P
Single-Supply 16-Bit Stereo ADC
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
logo
Analog Devices
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
Single-Supply 16-Bit Stereo ADC
6/02-Data Sheet changed from REV. 0 to REV. A.
logo
Linear Technology
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
16-Bit, 250ksps SAR ADC with 94dB SNR
logo
List of Unclassifed Man...
ZADCS1082 ETC2-ZADCS1082_11 Datasheet
508Kb / 27P
10-Bit, 250ksps, ADC Family
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
16-Bit, 250ksps, Single Supply ADC
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
16-Bit, 250ksps SAR ADC with 94dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com