Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1664IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1664IGN
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1664IGN Datasheet HTML 6Page - Linear Technology LTC1664IGN Datasheet HTML 7Page - Linear Technology LTC1664IGN Datasheet HTML 8Page - Linear Technology LTC1664IGN Datasheet HTML 9Page - Linear Technology LTC1664IGN Datasheet HTML 10Page - Linear Technology LTC1664IGN Datasheet HTML 11Page - Linear Technology LTC1664IGN Datasheet HTML 12Page - Linear Technology LTC1664IGN Datasheet HTML 13Page - Linear Technology LTC1664IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1664
Voltage Outputs
Each of the four rail-to-rail output amplifiers contained in
the LTC1664 can source or sink up to 5mA. The outputs
swing to within a few millivolts of either supply rail when
unloaded and have an equivalent output resistance of 85
when driving a load to the rails. The output amplifiers are
stable driving capacitive loads of up to 1000pF.
A small resistor placed in series with the output can be
used to achieve stability for any load capacitance. A 1
µF
load can be successfully driven by inserting a 20
Ω resis-
tor; a 2.2
µF load needs only a 10Ω resistor. In either case,
larger values of resistance, capacitance or both may be
safely substituted for the values given.
Rail-to-Rail Output Considerations
In any rail-to-rail voltage output DAC, the output is limited
to voltages within the supply range.
If the DAC offset is negative, the output for the lowest
codes limits at 0V as shown in Figure 3b.
Similarly, limiting can occur near full scale when the REF
pin is tied to VCC. If VREF = VCC and the DAC full-scale error
(FSE) is positive, the output for the highest codes limits at
VCC as shown in Figure 3c. No full-scale limiting can occur
if VREF is less than VCC – FSE.
Offset and linearity are defined and tested over the region
of the DAC transfer function where no output limiting can
occur.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com