Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1664IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1664IGN
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC1664IGN Datasheet HTML 1Page - Linear Technology LTC1664IGN Datasheet HTML 2Page - Linear Technology LTC1664IGN Datasheet HTML 3Page - Linear Technology LTC1664IGN Datasheet HTML 4Page - Linear Technology LTC1664IGN Datasheet HTML 5Page - Linear Technology LTC1664IGN Datasheet HTML 6Page - Linear Technology LTC1664IGN Datasheet HTML 7Page - Linear Technology LTC1664IGN Datasheet HTML 8Page - Linear Technology LTC1664IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1664
ELECTRICAL C
C
HARA TERISTICS
TI I G CHARACTERISTICS The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (See Figure 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications
are at TA = 25°C. VCC = 2.7V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 4.5V to 5.5V
t1
DIN Valid to SCK Setup
q
40
15
ns
t2
DIN Valid to SCK Hold
q
0
–11
ns
t3
SCK High Time
(Note 6)
q
30
5
ns
t4
SCK Low Time
(Note 6)
q
30
7
ns
t5
CS/LD Pulse Width
(Note 6)
q
80
30
ns
t6
LSB SCK High to CS/LD High
(Note 6)
q
30
4
ns
t7
CS/LD Low to SCK High
(Note 6)
q
80
26
ns
t8
DOUT Propagation Delay
CLOAD = 15pF (Note 6)
q
526
80
ns
t9
SCK Low to CS/LD Low
(Note 6)
q
20
0
ns
t10
CLR Pulse Width
(Note 6)
q
100
37
ns
t11
CS/LD High to SCK Positive Edge
(Note 6)
q
30
0
ns
SCK Frequency
(Notes 6 and 8)
q
16.7
MHz
VCC = 2.7V to 5.5V
t1
DIN Valid to SCK Setup
(Note 6)
q
60
20
ns
t2
DIN Valid to SCK Hold
(Note 6)
q
0
–14
ns
t3
SCK High Time
(Note 6)
q
50
8
ns
t4
SCK Low Time
(Note 6)
q
50
12
ns
DC Performance
Short-Circuit Current Low
VOUT = 0V, VCC = 5.5V, VREF = 5.1V,
q
10
30
100
mA
Code = 1023 (Note 9)
Short-Circuit Current High
VOUT = VCC = 5.5V, VREF = 5.1V, Code = 0 (Note 9)
q
10
27
120
mA
AC Performance
Voltage Output Slew Rate
Rising (Notes 4, 5)
0.60
V/
µs
Falling (Notes 4, 5)
0.25
V/
µs
Voltage Output Settling Time
Rising 0.1VFS to 0.9VFS ±0.5LSB (Notes 4, 5)
6
µs
Falling 0.9VFS to 0.1VFS ± 0.5LSB (Notes 4, 5)
19
µs
Capacitive Load Driving
1000
pF
Digital I/O
VIH
Digital Input High Voltage
VCC = 2.7V to 5.5V
q
2.4
V
VCC = 2.7V to 3.6V
q
2.0
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
q
0.8
V
VCC = 2.7V to 5.5V
q
0.6
V
VOH
Digital Output High Voltage
IOUT = – 1mA, DOUT Only
q
VCC – 1
V
VOL
Digital Output Low Voltage
IOUT = 1mA, DOUT Only
q
0.4
V
ILK
Digital Input Leakage
VIN = GND to VCC
q
0.05
±10
µA
CIN
Digital Input Capacitance
2pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com