Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1664IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1664IGN
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1664IGN Datasheet HTML 8Page - Linear Technology LTC1664IGN Datasheet HTML 9Page - Linear Technology LTC1664IGN Datasheet HTML 10Page - Linear Technology LTC1664IGN Datasheet HTML 11Page - Linear Technology LTC1664IGN Datasheet HTML 12Page - Linear Technology LTC1664IGN Datasheet HTML 13Page - Linear Technology LTC1664IGN Datasheet HTML 14Page - Linear Technology LTC1664IGN Datasheet HTML 15Page - Linear Technology LTC1664IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1664
TYPICAL APPLICATIONS
A 4-Channel Bipolar Output Voltage Circuit Configuration
5V
1664 TA02
2
5
1
GND
VOUT A
VOUT B
REF
CS/LD
CLK
3-WIRE
SERIAL
INTERFACE
VCC
VOUT D
VOUT C
CLR
DOUT
DIN
16
DAC A
DAC D
3
4
DAC B
DAC C
7
6
8
10
11
9
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER
U1
LTC1664
VOUT B
±5V
R
R
7
6
5
U2B
LT1491
VOUT A
±5V
R
0.1
µF
0.1
µF
VS
+
VS
R
1
2
4
11
3
U2A
LT1491
0.1
µF
VOUT C
±5V
8
9
10
U2C
LT1491
VOUT D
±5V
R
R
R
R
14
13
12
U2D
LT1491
CODE
0
512
1023
VOUT X
–5V
0V
+4.99V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com