Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1664IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1664IGN
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1664IGN Datasheet HTML 1Page - Linear Technology LTC1664IGN Datasheet HTML 2Page - Linear Technology LTC1664IGN Datasheet HTML 3Page - Linear Technology LTC1664IGN Datasheet HTML 4Page - Linear Technology LTC1664IGN Datasheet HTML 5Page - Linear Technology LTC1664IGN Datasheet HTML 6Page - Linear Technology LTC1664IGN Datasheet HTML 7Page - Linear Technology LTC1664IGN Datasheet HTML 8Page - Linear Technology LTC1664IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1664
Supply Current vs Temperature
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t5
CS/LD Pulse Width
(Note 6)
q
100
30
ns
t6
LSB SCK High to CS/LD High
(Note 6)
q
50
5
ns
t7
CS/LD Low to SCK High
(Note 6)
q
100
27
ns
t8
DOUT Propagation Delay
CLOAD = 15pF (Note 6)
q
5
47
150
ns
t9
SCK Low to CS/LD Low
(Note 6)
q
30
0
ns
t10
CLR Pulse Width
(Note 6)
q
120
41
ns
t11
CS/LD High to SCK Positive Edge
(Note 6)
q
30
0
ns
SCK Frequency
(Notes 6 and 8)
q
10
MHz
TYPICAL PERFOR A CE CHARACTERISTICS
TI I G CHARACTERISTICS The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (See Figure 1)
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Nonlinearity and monotonicity are defined and tested at VCC = 5V,
VREF = 4.096V, from code 20 to code 1023. See Rail-to-Rail output
considerations.
Note 3: Digital inputs at 0V or VCC.
Note 4: Load is 10k
Ω in parallel with 100pF.
Note 5: VCC = VREF = 5V.
Note 6: Guaranteed by design and not subject to test.
Note 7: Measured at code 20.
Note 8: If a continuous clock is used, CS/LD timing (t7 and t9) will limit the
maximum clock frequency to 5MHz at 4.5V to 5.5V(3.85MHz at 2.7V to
5.5V).
Note 9: Any output shorted.
Differential Nonlinearity (DNL)
Integral Nonlinearity (INL)
CODE
0
256
512
768
1023
1664 G07
2.5
2.0
1.5
1.0
0.5
0
– 0.5
–1.0
–1.5
– 2.0
– 2.5
VCC = 5V
VREF = 4.096V
CODE
0
256
512
768
1023
1664 G08
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
TEMPERATURE (
°C)
–55 –35 –15
5
45
85
25
300
280
260
240
220
200
180
160
1664 G11
125
105
65
VCC = 5.5V
VREF = VCC
CODE = 1023
VCC = 4.5V
VCC = 3.6V
VCC = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com