Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1664IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1664IGN
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1664IGN Datasheet HTML 8Page - Linear Technology LTC1664IGN Datasheet HTML 9Page - Linear Technology LTC1664IGN Datasheet HTML 10Page - Linear Technology LTC1664IGN Datasheet HTML 11Page - Linear Technology LTC1664IGN Datasheet HTML 12Page - Linear Technology LTC1664IGN Datasheet HTML 13Page - Linear Technology LTC1664IGN Datasheet HTML 14Page - Linear Technology LTC1664IGN Datasheet HTML 15Page - Linear Technology LTC1664IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1664
A Low Power Dual Trim Circuit with Coarse/Fine Adjustment
TYPICAL APPLICATIONS
VOUT2
VOUT1
R1
110
Ω
COARSE
0.1
µF
0.1
µF
R1
110
Ω
8
1
2
3
4
3.3V
3.3V
R2
11k
R2
11k
FINE
R1
110
Ω
COARSE
R2
11k
FINE
1664 TA01
2
5
1
GND
VOUT A
VOUT B
REF
CS/LD
SCK
3-WIRE
SERIAL
INTERFACE
VCC
VOUT D
VOUT C
CLR
TO OTHER
LTC1664s
DOUT
DIN
16
DAC A
DAC D
3
4
DAC B
DAC C
7
6
8
11
9
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER
0.1
µF
3.3V
1
4
2
U1
LTC1664
U2A
LT
®1490
LTC1258-2.5
0.1
µF
0.1
µF
R1
110
Ω
7
6
5
R2
11k
U2B
LT1490
CODE A
1024
VOUT 1 = VREF
+
= 2.5V
+
= 2.5V
+
)
)
R1
R2
CODE B
1024
CODE A
1024
)
)
1
100
CODE B
1024
CODE D
1024
)
)
R1
R2
CODE C
1024
CODE D
1024
)
)
1
100
CODE C
1024
VOUT 2 = VREF
+
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com