Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM64 Datasheet(PDF) 5 Page - Emerson Network Power

Part # VRM64
Description  non-isolated dc-dc converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM64 Datasheet(HTML) 5 Page - Emerson Network Power

  VRM64 Datasheet HTML 1Page - Emerson Network Power VRM64 Datasheet HTML 2Page - Emerson Network Power VRM64 Datasheet HTML 3Page - Emerson Network Power VRM64 Datasheet HTML 4Page - Emerson Network Power VRM64 Datasheet HTML 5Page - Emerson Network Power VRM64 Datasheet HTML 6Page - Emerson Network Power VRM64 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev.07.20.07
vrm series
5 of 7
Embedded Power for
Business-Critical Continuity
Specifications
Figure 2: Load Regulation
0
40
90 100
-25
-15
-10
-5
0
11Vin
12Vin
13Vin
OUTPUT CURRENT (A)
-20
20
10
30
50 60 70 80
110
Figure 1: Typical Thermal Derating At Sea Level
(12 Vin, 1.5 Vout)
Figure 3: Typical Efficiency Vs Load
OUTPUT CURRENT (A)
20
30
40
50
60
70
40
50
60
70
80
90
100
600LFM (3 m/s)
500LFM (2.5m/s)
400LFM (2m/s)
300LFM (1.5m/s)
40
60
80
100
78
80
82
84
86
11Vin
12Vin
13Vin
OUTPUT CURRENT (A)
Figure 4: Output Ripple and Noise
10 mV Per Square, 2 µs Per Square



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com