Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM64 Datasheet(PDF) 4 Page - Emerson Network Power

Part # VRM64
Description  non-isolated dc-dc converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM64 Datasheet(HTML) 4 Page - Emerson Network Power

  VRM64 Datasheet HTML 1Page - Emerson Network Power VRM64 Datasheet HTML 2Page - Emerson Network Power VRM64 Datasheet HTML 3Page - Emerson Network Power VRM64 Datasheet HTML 4Page - Emerson Network Power VRM64 Datasheet HTML 5Page - Emerson Network Power VRM64 Datasheet HTML 6Page - Emerson Network Power VRM64 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev.07.20.07
vrm series
4 of 7
Embedded Power for
Business-Critical Continuity
Specifications
SIGNAL ELECTRICAL INTERFACE
ELECTROMAGNETIC COMPATIBILITY
Notes
1
Recommended output capacitance, 48 x 22 μF ceramic MLCC.
2
50 mV pk-pk ripple. Vin = 12 V, Vout = 1.5 V, Iout = 80 A.
3
With the recommended capacitors (See Note 1) across the output, the
output voltage stays within the load regulation window for all loads and
transient events, up to 80 A. It will also allow instantaneous VID-on-the-fly
changes of up to 500 mV at 80 A.
4
VRM64 uses a five phase buck topology. Each phase switches at
830 kHz. This gives an equivalent switching frequency of 4.2 MHz
5
Maximum current requires adequate forced air over the converter. Please
consult Figure 1 for thermal derating.
6
When the VRM detects an output over-voltage event, the OVP pin
transitions to logic high. This signal can be used to shut down the supply to
the VRM, or drive an external crowbar device.
7
These are default settings. The current limit may be set to ‘trip’ or
‘hiccup’. The output overvoltage limits, input overvoltage and undervoltage
settings, the output droop and offset, the current limit setpoint and many
others can be changed by component changes. Please consult the factory
for details.
8
0.01 G2/Hz from 5 Hz to 20 Hz, maintaining 0.02 G2/Hz from 20 Hz to 500
Hz, all axes.
9
In accordance with AMD requirements, PWRGD will go high at least 2 ms
after VDD settles within specifications.
10 The ‘Y’ suffix indicates that these parts are TSE RoHS 5/6 (non Pb-free)
compliant. Pb-free (RoHS 6/6) compliant versions may be available on special
request, please contact your local sales representative for details.
11 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
CHARACTERISTIC - SIGNAL NAME
SYMBOL
MIN
TYP
MAX
UNITS
NOTES AND CONDITIONS
ENABLE - on
ENABLE (on)
1.7
5.5
V
No pull up resistor provided
by the VRM
ENABLE - off
ENABLE (off)
-0.3
0.8
V
No pull up resistor provided
by the VRM
PWRGD - high
VPWRGD (high)
1.7
V
No pull up resistor provided
by the VRM
PWRGD - low
VPWRGD (low)
-0.3
0.8
V
Open-collector output to not more
than 5.5 V, max current 5 mA
PWRGD - low threshold
150
mV
Below VID setting
PWRGD - turn-on response to
Trise
2
2.5
10
ms
For waveforms, refer to Application
ENABLE going high
Note 185
VID - high
Vih (VID)
1.7
5.5
V
VID - low
Vil (VID)
-0.3
0.8
V
OVP1 (See Note 7)
2.2
V
Default setting is trip. At OVP1 or
OVP2 whichever is smaller
OVP2 (See Note 7)
133
%
Of VID Setting
OVP drive voltage
CB_OUT
4V
SMBus Address high
ADD_x (high)
3.8
V
SMBus Address low
ADD_x (low)
-0.3
0.7
V
SMBus Data high
SMDA (high)
2.1
5.5
V
SMBus Data low
SMDA_x (low)
-0.3
0.8
V
CHARACTERISTIC - SIGNAL NAME
SYMBOL
MIN
TYP
MAX
UNITS
NOTES AND CONDITIONS
ESD - Indirect air
15
kV
EN61000-4-2
In end user equipment
ESD - Indirect contact
8
kV
EN61000-4-2
In end user equipment
Input characteristics:
Input current - operating
IIN
12
A
Vin = Vin (typ.),
Iout (cont.) = 80 A, VID = 1.5 V
Input capacitance - external bypass
CINext
1600
μF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com