Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM64 Datasheet(PDF) 3 Page - Emerson Network Power

Part # VRM64
Description  non-isolated dc-dc converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM64 Datasheet(HTML) 3 Page - Emerson Network Power

  VRM64 Datasheet HTML 1Page - Emerson Network Power VRM64 Datasheet HTML 2Page - Emerson Network Power VRM64 Datasheet HTML 3Page - Emerson Network Power VRM64 Datasheet HTML 4Page - Emerson Network Power VRM64 Datasheet HTML 5Page - Emerson Network Power VRM64 Datasheet HTML 6Page - Emerson Network Power VRM64 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev.07.20.07
vrm series
3 of 7
Embedded Power for
Business-Critical Continuity
Specifications
Table 2: Voltage Identification (VID) Codes
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
VOLTAGE
VOLTAGE
OVP
CURRENT
CURRENT
(TYP.)
LOAD
NUMBER
(10,11)
(MIN)
(MAX.)
12 Vdc
0.8-1.55 Vdc
2.2 Vdc
0 A
80 A
84%
50 mV
VRM64-80-12-UY
PIN CONNECTIONS
PIN NO. FUNCTION
PIN NO.
FUNCTION
1
GND
54
+12 Vin
2
GND
53
+12 Vin
3
GND
52
+12 Vin
4
VID4
51
VID3
5
VID2
50
VID1
6
VID0
49
Current Share
7
COREFB H
48
COREFB L
8
PWRGD
47
CBOUT
9
Enable
46
ADD 0
10
SMDA
45
ADD 1
11
SMCL
44
-VRMPRES
12
SGND
43
+5 V_always
13
VDD Core +
42
VDD Core +
14
VDD Core +
41
VDD Core +
15
VDD Core +
40
VDD Core +
16
GND
39
GND
17
GND
38
GND
18
GND
37
GND
19
VDD Core +
36
VDD Core +
20
VDD Core +
35
VDD Core +
21
VDD Core +
34
VDD Core +
22
VDD Core +
33
VDD Core +
23
VDD Core +
32
VDD Core +
24
VDD Core +
31
VDD Core +
25
GND
30
GND
26
GND
29
GND
27
GND
28
GND
Table 1: Pin Connections
VOLTAGE IDENTIFICATION (VID) CODES
VID4
VID3
VID2
VID1
VID0
VDAC
11
1
1
1
Off
1
1
1
1
0
0.800
1
1
1
0
1
0.825
1
1
1
0
0
0.850
1
1
0
1
1
0.875
1
1
0
1
0
0.900
1
1
0
0
1
0.925
1
1
0
0
0
0.950
1
0
1
1
1
0.975
1
0
1
1
0
1.000
1
0
1
0
1
1.025
1
0
1
0
0
1.050
1
0
0
1
1
1.075
1
0
0
1
0
1.100
1
0
0
0
1
1.125
1
0
0
0
0
1.150
0
1
1
1
1
1.175
0
1
1
1
0
1.200
0
1
1
0
1
1.225
0
1
1
0
0
1.250
0
1
0
1
1
1.275
0
1
0
1
0
1.300
0
1
0
0
1
1.325
0
1
0
0
0
1.350
0
0
1
1
1
1.375
0
0
1
1
0
1.400
0
0
1
0
1
1.425
0
0
1
0
0
1.450
0
0
0
1
1
1.475
0
0
0
1
0
1.500
0
0
0
0
1
1.525
0
0
0
0
0
1.550



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com