Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM64 Datasheet(PDF) 2 Page - Emerson Network Power

Part # VRM64
Description  non-isolated dc-dc converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM64 Datasheet(HTML) 2 Page - Emerson Network Power

  VRM64 Datasheet HTML 1Page - Emerson Network Power VRM64 Datasheet HTML 2Page - Emerson Network Power VRM64 Datasheet HTML 3Page - Emerson Network Power VRM64 Datasheet HTML 4Page - Emerson Network Power VRM64 Datasheet HTML 5Page - Emerson Network Power VRM64 Datasheet HTML 6Page - Emerson Network Power VRM64 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev.07.20.07
vrm series
2 of 7
Embedded Power for
Business-Critical Continuity
Unless otherwise stated, all specifications are typical at nominal input, maximum
continuous rated load at 25 °C and voltages are referenced to Vin-.
Specifications
GENERAL CHARACTERISTICS
Efficiency
1.5 V output @ 60 A
84% typ.
Switching frequency
Fixed (See Note 4)
830 kHz
Approvals and standards
IEC/EN60950 VDE
Material flammability
UL94V-0
Weight
<52 g (<2 oz)
MTBF
Telcordia SR-332
>2,000,000 hours
Mating connector
Tyco/Elcon
283-0172-01303
(See Table 1 for pin out)
Connector fingers
Gold plated, 30 μ-inches
ENVIRONMENTAL SPECIFICATIONS
Maximum temperature
Operating
5 °C/10 min.
shock
Temperature shock
Operating
10 °C/hour
Non-operating
20 °C/hour
Humidity
Operating
85% RH
(Non-condensing)
Non-operating
95% RH
Altitude
Operating
10,000 feet max.
Non-operating
50,000 feet max.
Shock
Operational and
30 G 11ms
non-operational
Half sine wave
Vibration
Operational and
0.02 G2/Hz max.
(See Note 8)
non-operational
Electrostatic discharge
Indirect air
15 kV
IEC61000-4-2
Indirect contact
8 kV
(See Note 6)
Thermal performance
Operating ambient
0 °C to +60 °C
(See Note 5)
temperature
Non-operating
-40 °C to +100 °C
OUTPUT SPECIFICATIONS
Voltage adjustability
(See VID codes, Table 3)
0.8-1.55 Vdc
Output current
80 A
Voltage setting accuracy
±0.8%
Ripple and noise
20 MHz bandwidth
50 mV pk-pk
(See Notes 1, 2)
Short circuit protection
Continuous current limit,
(See Note 7)
default setting as trip
Remote sensing compensating voltage
Up to 300 mV max.
INPUT SPECIFICATIONS
Input voltage range
12Vin nominal
10.8-13.2 Vdc
Input current
Operation
12.5 A max.
No load
1.1 A max.
Remote OFF
45 mA max.
UVLO
Turn ON voltage
10.5 V typ.
Turn OFF voltage
9.8 V typ.
Hysteresis
0.65 V typ.
Start-up time
Nominal line
10 ms max.
Enable
Logic compatibility
Ref. to -input
ON
>1.7 Vdc
OFF
<0.8 Vdc
+5_ALWAYS
Current demand
250 mA typ.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com