Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRM64 Datasheet(PDF) 1 Page - Emerson Network Power

Part # VRM64
Description  non-isolated dc-dc converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VRM64 Datasheet(HTML) 1 Page - Emerson Network Power

  VRM64 Datasheet HTML 1Page - Emerson Network Power VRM64 Datasheet HTML 2Page - Emerson Network Power VRM64 Datasheet HTML 3Page - Emerson Network Power VRM64 Datasheet HTML 4Page - Emerson Network Power VRM64 Datasheet HTML 5Page - Emerson Network Power VRM64 Datasheet HTML 6Page - Emerson Network Power VRM64 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The AMD VRM non-isolated dc-dc converter is designed to meet
the exceptionally fast transient response requirements of today’s
microprocessors and fast switching logic in a compact size at an
affordable price. Advanced circuit techniques, component
selection, placement optimization, and state-of-the-art silicon
integration thermal packaging, provide a high power density,
highly reliable, and very precise voltage regulation system for
advanced microprocessors.
Embedded Power for
Business-Critical Continuity
VRM64 Series
Single Output
Special Features
• Meets AMD64 Processor
specification
• Allows dynamic VID code
changes
• 5 Bit VID input
• 0.8 Vdc to 1.55 Vdc in
25 mV steps
• Up to 100 A/μs load transient
• Differential remote sense for
improved load regulation
• Vertical plug-in to standard
motherboard connector with
or without retention latch
• Output current up to
80 A continuous
• Open collector power good
signal
• Monotonic turn-on
and turn-off
• Fused input
• SMBus interface
• Available RoHS compliant
• 2 Year Warranty
Input Voltage: 12VDC
# of Outputs:
Single
Rev.07.20.07
vrm series
1 of 7
Safety
VDE Certificate
No. 2487000-3336-0016


Similar Part No. - VRM64

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
VRM64-80-12-UJ ARTESYN-VRM64-80-12-UJ Datasheet
466Kb / 7P
Embedded Power for Business-Critical Continuity
VRM64-80-12-UY ARTESYN-VRM64-80-12-UY Datasheet
466Kb / 7P
Embedded Power for Business-Critical Continuity
VRM64-80-12-UY ARTESYN-VRM64-80-12-UY_12 Datasheet
466Kb / 7P
Embedded Power for Business-Critical Continuity
More results

Similar Description - VRM64

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
NON-ISOLATED DC/DC CONVERTER
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
NON-ISOLATED DC/DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
non-isolated dc-dc converter
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
NON ISOLATED DC-DC CONVERTER
M57184N-515AF ISAHAYA-M57184N-515AF Datasheet
263Kb / 5P
NON-ISOLATED DC-DC CONVERTER
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
NON-ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
NON ISOLATED DC-DC CONVERTER
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
Non-Isolated DC-DC Converter
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com