Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4306CUFD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4306CUFD
Description  4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306CUFD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4306CUFD Datasheet HTML 4Page - Linear Technology LTC4306CUFD Datasheet HTML 5Page - Linear Technology LTC4306CUFD Datasheet HTML 6Page - Linear Technology LTC4306CUFD Datasheet HTML 7Page - Linear Technology LTC4306CUFD Datasheet HTML 8Page - Linear Technology LTC4306CUFD Datasheet HTML 9Page - Linear Technology LTC4306CUFD Datasheet HTML 10Page - Linear Technology LTC4306CUFD Datasheet HTML 11Page - Linear Technology LTC4306CUFD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4306
4306f
8
Control Register Bit Definitions
OPERATIO
Register 0 (00h)
BIT NAME
TYPE* DESCRIPTION
d7 Downstream
R
Indicates if upstream bus is connected
Connected
to any downstream buses
0 = upstream bus disconnected from
all downstream buses
1 = upstream bus connected to one or
more downstream buses
d6 ALERT1 Logic State
R
Logic state of ALERT1 pin, noninverting
d5 ALERT2 Logic State
R
Logic state of ALERT2 pin, noninverting
d4 ALERT3 Logic State
R
Logic state of ALERT3 pin, noninverting
d3 ALERT4 Logic State
R
Logic state of ALERT4 pin, noninverting
d2 Failed Connection
R
Indicates if an attempt to connect to a
Attempt
downstream bus failed because the
“Connection Requirement” bit in
Register 2 was low and the
downstream bus was low
0 = Failed connection attempt occurred
1 = No failed attempts at connection
occurred
d1 Latched Timeout
R
Latched bit indicating if a timeout has
occurred and has not yet been cleared.
0 = no latched timeout
1 = latched timeout
d0 Timeout Real Time
R
Indicates real-time status of Stuck Low
Timeout Circuitry
0 = no timeout is occurring
1 = timeout is occurring
Note: Masters write to Register 0 to reset the fault circuitry after a fault
has occurred and been resolved. Because Register 0 is Read-Only, no
other functionality is affected.
* For Type, “R/W” = Read Write, “R” = Read Only
Register 1 (01h)
BIT
NAME
TYPE* DESCRIPTION
d7
Upstream
R/W
Activates upstream rise time
Accelerators
accelerator currents
Enable
0 = upstream rise time accelerator
currents inactive (default)
1 = upstream rise time accelerator
currents active
d6
Downstream
R/W
Activates downstream rise time
Accelerators
accelerator currents
Enable
0 = downstream rise time accelerator
currents inactive (default)
1 = downstream rise time accelerator
currents active
d5
GPIO1 Output
R/W
GPIO1 output driver state,
Driver State
noninverting, default = 1
d4
GPIO2 Output
R/W
GPIO2 output driver state,
Driver State
noninverting, default = 1
d3-d2 Reserved
R
Not Used
d1
GPIO1 Logic
R
Logic state of GPIO1 pin,
State
noninverting
d0
GPIO2 Logic
R
Logic state of GPIO2 pin,
State
noninverting
* For Type, “R/W” = Read Write, “R” = Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com