Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4306CUFD Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4306CUFD
Description  4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306CUFD Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4306CUFD Datasheet HTML 9Page - Linear Technology LTC4306CUFD Datasheet HTML 10Page - Linear Technology LTC4306CUFD Datasheet HTML 11Page - Linear Technology LTC4306CUFD Datasheet HTML 12Page - Linear Technology LTC4306CUFD Datasheet HTML 13Page - Linear Technology LTC4306CUFD Datasheet HTML 14Page - Linear Technology LTC4306CUFD Datasheet HTML 15Page - Linear Technology LTC4306CUFD Datasheet HTML 16Page - Linear Technology LTC4306CUFD Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4306
13
4306f
OPERATIO
Table 1. LTC4306 I2C Device Addressing
HEX DEVICE
LTC4306
DESCRIPTION
ADDRESS
BINARY DEVICE ADDRESS
ADDRESS PINS
h
a6
a5
a4
a3
a2
a1
a0
R/W
ADR2
ADR1
ADR0
Mass Write
BA
1
0
1
1
1
0
1
0
X
X
X
Alert Response
19
0
0
0
1
1
0
0
1
X
X
X
0
80
1
00
0
0
00
X
L
NC
L
1
82
1
00
0
0
01
X
L
H
NC
2
84
1
00
0
0
10
X
L
NC
NC
3
86
1
00
0
0
11
X
L
NC
H
4
88
1
00
0
1
00
X
L
L
L
5
8A
1
00
0
1
01
X
L
H
H
6
8C
1
00
0
1
10
X
L
L
NC
7
8E
1
00
0
1
11
X
L
L
H
8
90
1
00
1
0
00
X
NC
NC
L
9
92
1
00
1
0
01
X
NC
H
NC
10
94
1
0
0
1
0
1
0
X
NC
NC
NC
11
96
1
0
0
1
0
1
1
X
NC
NC
H
12
98
1
0
0
1
1
0
0
X
NC
L
L
13
9A
1
0
01
10
1
X
NC
H
H
14
9C
1
0
01
11
0
X
NC
L
NC
15
9E
1
0
0
1
1
1
1
X
NC
L
H
16
A0
1
0
10
00
0
X
H
NC
L
17
A2
1
0
10
00
1
X
H
H
NC
18
A4
1
0
10
01
0
X
H
NC
NC
19
A6
1
0
10
01
1
X
H
NC
H
20
A8
1
0
10
10
0
X
H
L
L
21
AA
1
0
10
10
1
X
H
H
H
22
AC
1
0
10
11
0
X
H
L
NC
23
AE
1
0
10
11
1
X
H
L
H
24
B0
1
0
11
00
0
X
H
H
L
25
B2
1
0
11
00
1
X
L
H
L
26
B4
1
0
11
01
0
X
NC
H
L
users follow the Write Byte protocol exactly, the new data
contained in the Data Byte is written into the register
selected by bits r1 and r0 on the Stop Bit.
General Purpose Input/Outputs (GPIOs)
The LTC4306 provides two general purpose input/output
pins (GPIOs) that can be configured as logic inputs, open-
drain outputs or push-pull outputs. The GPIO1 and GPIO2
Mode Configure bits in register 2 determine whether the
GPIOs are used as inputs or outputs. When the GPIOs are
used as outputs, the GPIO1 and GPIO2 Output Mode
Configure bits of register 2 configure the GPIO outputs
either as open-drain N-channel MOSFET pull-downs or
push-pull stages.
In push-pull mode, at VCC = 3.3V, the typical pull-up
impedance is 670
Ω and the typical pull-down impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com