Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4306CUFD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4306CUFD
Description  4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306CUFD Datasheet(HTML) 5 Page - Linear Technology

  LTC4306CUFD Datasheet HTML 1Page - Linear Technology LTC4306CUFD Datasheet HTML 2Page - Linear Technology LTC4306CUFD Datasheet HTML 3Page - Linear Technology LTC4306CUFD Datasheet HTML 4Page - Linear Technology LTC4306CUFD Datasheet HTML 5Page - Linear Technology LTC4306CUFD Datasheet HTML 6Page - Linear Technology LTC4306CUFD Datasheet HTML 7Page - Linear Technology LTC4306CUFD Datasheet HTML 8Page - Linear Technology LTC4306CUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4306
5
4306f
Rise Time vs CBUS vs VCC
Buffer Circuitry tPHL
vs Temperature
ICC vs Temperature
VOS,UP-BUF vs Bus Pull-Up Current
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
80
100
120
25
75
4306 G01
60
40
–25
0
50
100
125
20
0
VCC = 3.3V
VCC = 5V
CAPACITANCE, CBUS (pF)
0
150
200
250
800
4306 G02
100
50
0
200
400
600
1000
VCC = 3.3V
VCC = 5V
dV = 0.3V • VCC TO 0.7V • VCC
RBUS = 10k
TEMPERATURE (
°C)
–50
4
5
6
25
75
4306 G03
3
2
–25
0
50
100
125
1
0
VCC = 3.3V
VCC = 5V
UPSTREAM CONNECTED TO CHANNEL 1,
SCL BUS LOW, SDA BUS HIGH
BUS PULL-UP CURRENT (mA)
1
0
100
120
140
4306 G04
80
60
0
2
3
4
40
20
180
160
VCC = 3.3V
VCC = 5V
VOS,DOWN-BUF
vs Bus Pull-Up Current
BUS PULL-UP CURRENT (mA)
0
0
50
100
150
200
250
300
12
3
4
4306 G05
VCC = 3.3V
VCC = 5V
Downstream RFET On Resistance
vs VCC and Temperature
TEMPERATURE (
°C)
–50
0
5
15
20
25
50
45
4306 G06
10
0
–25
75
100
25
125
30
35
40
VCC = 3.3V
VCC = 5V
(TA = 25°C, unless otherwise indicated)
IBOOST vs Temperature
TEMPERATURE (
°C)
–50
8
10
14
25
75
4306 G07
6
4
–25
0
50
100
125
2
0
12
VCC = 5V
VCC = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com