Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4306CUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4306CUFD
Description  4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306CUFD Datasheet(HTML) 1 Page - Linear Technology

  LTC4306CUFD Datasheet HTML 1Page - Linear Technology LTC4306CUFD Datasheet HTML 2Page - Linear Technology LTC4306CUFD Datasheet HTML 3Page - Linear Technology LTC4306CUFD Datasheet HTML 4Page - Linear Technology LTC4306CUFD Datasheet HTML 5Page - Linear Technology LTC4306CUFD Datasheet HTML 6Page - Linear Technology LTC4306CUFD Datasheet HTML 7Page - Linear Technology LTC4306CUFD Datasheet HTML 8Page - Linear Technology LTC4306CUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4306
1
4306f
The LTC
®4306 is a 4-channel, 2-wire bus multiplexer with
bus buffers to provide capacitive isolation between the
upstream bus and downstream buses. Through software
control, the LTC4306 connects the upstream 2-wire bus to
any desired combination of downstream buses. Each
channel can be pulled up to a supply voltage ranging from
2.2V to 5.5V, independent of the LTC4306 supply voltage.
The downstream channels are also provided with
ALERT1-ALERT4 inputs for fault reporting.
Programmable timeout circuitry disconnects the down-
stream buses if the bus is stuck low. When activated, rise
time accelerators source currents into the 2-wire bus pins
to reduce rise time. Driving the ENABLE pin low restores
all features to their default states. Three address pins
provide 27 distinct addresses.
The LTC4306 is available in 24-lead QFN (4mm
× 5mm)
and SSOP packages.
■ Nested Addressing
■ 5V/3.3V Level Translator
■ Capacitance Buffer/Bus Extender
■ 1:4 2-Wire Multiplexer/Switch
■
Connect SDA and SCL Lines with 2-Wire Bus
Commands
■ Supply Independent Bidirectional Buffer for SDA
and SCL Lines Increases Fan-Out
■ Programmable Disconnect from Stuck Bus
■ Compatible with I2C and SMBus Standards
■
Rise Time Accelerator Circuitry
■ SMBus Compatible ALERT Response Protocol
■ Two General Purpose Inputs-Outputs
■
Prevents SDA and SCL Corruption During Live Board
Insertion and Removal from Backplane
■
±10kV Human Body Model ESD Ruggedness
■
24-Lead QFN (4mm
× 5mm) and SSOP Packages
4-Channel,
2-Wire Bus Multiplexer with
Capacitance Buffering
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Patent pending.
VCC
0.01
µF
3.3V
•
•
•
2.5V
5V
10k
LTC4306
ADDRESS = 1000 100
ADDRESS = 1111 000
ADDRESS = 1111 000
SCL1
SDA1
ALERT1
SCLIN
SDAIN
ALERT
SCL4
SDA4
ALERT4
ADR2
ADR1
ADR0
GND
SFP
MODULE 1
MICRO-
CONTROLLER
10k
10k
10k
10k
10k
10k
SFP
MODULE 4
10k
10k
4306 TA01a
A Level Shifting and Nested Addressing Application
4306 TA01b
VCC = 3.3V
VCARD1 = 3.3V
VCARD4 = 5V
VBACK = 2.5V
SCL4
2V/DIV
500ns/DIV
SCL1
2V/DIV
SCLIN
2V/DIV
I2C Bus Waveforms


Similar Part No. - LTC4306CUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4306 LINER-LTC4306 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4306 LINER-LTC4306 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4306 LINER-LTC4306 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4306 LINER-LTC4306 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
LTC4306 LINER-LTC4306 Datasheet
228Kb / 16P
Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4306CUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Linear Technology
LTC4305CDHD LINER-LTC4305CDHD Datasheet
213Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4306 LINER-LTC4306_15 Datasheet
273Kb / 20P
4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4312 LINER-LTC4312_15 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314_15 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
2 Channel I2C bus Multiplexer
logo
Linear Technology
LTC4312 LINER-LTC4312 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com