Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4306CUFD Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4306CUFD
Description  4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306CUFD Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4306CUFD Datasheet HTML 10Page - Linear Technology LTC4306CUFD Datasheet HTML 11Page - Linear Technology LTC4306CUFD Datasheet HTML 12Page - Linear Technology LTC4306CUFD Datasheet HTML 13Page - Linear Technology LTC4306CUFD Datasheet HTML 14Page - Linear Technology LTC4306CUFD Datasheet HTML 15Page - Linear Technology LTC4306CUFD Datasheet HTML 16Page - Linear Technology LTC4306CUFD Datasheet HTML 17Page - Linear Technology LTC4306CUFD Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4306
4306f
14
OPERATIO
is 35
Ω, making the GPIO pull-downs capable of driving
LEDs. At VCC = 5V, the typical pull-up impedance is 320Ω
and the typical pull-down impedance is 20
Ω. In open-
drain output mode, the user provides the logic high by
connecting a pull-up resistor between the GPIO pin and an
external supply voltage. The external supply voltage can
range from 1.5V to 5.5V independent of the VCC voltage.
In input mode, the GPIO input threshold voltage is 1V.
The GPIO1 and GPIO2 Logic State bits in register 1
indicate the logic state of the two GPIO pins. The logic-
level threshold voltage for each pin is 1V. The GPIO1 and
GPIO2 Output Driver State bits in register 1 indicate the
logic state that the LTC4306 is attempting to write to the
GPIO pins. This is useful when the GPIOs are being used
Figure 4. Protocols Accepted by LTC4306
Figure 3. Data Transfer Over I2C or SMBus
SCL
SDA
START
CONDITION
STOP
CONDITION
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK
1-7
8
9
4306 F03
a6-a0
d7-d0
d7-d0
1-7
8
9
1-7
8
9
P
S
4306 F04
S
0001 100
RD
DEVICE ADDRESS
1
1
71
8
1
P
1
START
ACK
10 a4-a0
WR
XXXXXX r1r0
1
1
71
8
S
00
ACK
1
S
0
ACK
S
0
ACK
M
1
REGISTER
SLAVE
ADDRESS
START
ACK
10 a4-a0
RD
d7-d0
1
1
71
8
S
10
DATA
BYTE
1
M
1
STOP
1
SLAVE
ADDRESS
ACK
START
ACK
10 a4-a0
WR
XXXXXX r1r0
1
1
71
8
S
00
ACK
1
S
0
REGISTER
SLAVE
ADDRESS
d7-d0
8
DATA
BYTE
1
S
0
STOP
1
ACK
WRITE BYTE PROTOCOL
READ BYTE PROTOCOL
ALERT RESPONSE ADDRESS PROTOCOL
1
in open-drain output mode and one or more external
devices are connected to the GPIOs. If the LTC4306 is
trying to write a high to a GPIO pin, but the pin’s actual
logic state is low, then the LTC4306 knows that the low is
being forced by an external device.
Glitch Filters
The LTC4306 provides glitch filters on the SDAIN and
SCLIN pins as required by the I2C Fast Mode (400kHz)
Specification. The filters prevent signals of up to 50ns
(minimum) time duration and rail-to-rail voltage
magnitude from passing into the two-wire bus digital
interface circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com