Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4307CMS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4307CMS8
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307CMS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4307CMS8 Datasheet HTML 3Page - Linear Technology LTC4307CMS8 Datasheet HTML 4Page - Linear Technology LTC4307CMS8 Datasheet HTML 5Page - Linear Technology LTC4307CMS8 Datasheet HTML 6Page - Linear Technology LTC4307CMS8 Datasheet HTML 7Page - Linear Technology LTC4307CMS8 Datasheet HTML 8Page - Linear Technology LTC4307CMS8 Datasheet HTML 9Page - Linear Technology LTC4307CMS8 Datasheet HTML 10Page - Linear Technology LTC4307CMS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4307
7
4307f
BLOCK DIAGRA
100k
PRECHARGE
PC_CONNECT
100k
0.55VCC
0.55VCC
1.4V
UVLO
100k
0.55VCC
0.55VCC
CONNECT
CONNECT
100k
8mA
IBOOSTSDA
IBOOSTSDA
SDAIN
6
SLEW RATE
DETECTOR
8mA
CONNECT
CONNECT
SLEW RATE
DETECTOR
8mA
IBOOSTSCL
IBOOSTSCL
SLEW RATE
DETECTOR
8mA
SLEW RATE
DETECTOR
CONNECT
SDAOUT
7
VCC 8
SCLIN
3
CONNECT
SCLOUT
2
READY
5
PC_CONNECT
30ms
TIMER
LOGIC
ENABLE
PC_CONNECT
IBOOSTSCL
IBOOSTSDA
1
GND
4307 BD
4
95
μs
DELAY
+
+
–
–
+
–
+
–
+
–
Low Offset 2-Wire Bus Buffer with Stuck Low Timeout
OPERATION
Start-Up
When the LTC4307 first receives power on its VCC pin,
either during power-up or live insertion, it starts in an
undervoltage lockout (UVLO) state, ignoring any activity
on the SDA or SCL pins until VCC rises above 2V (typ).
This is to ensure that the LTC4307 does not try to function
until it has enough voltage to do so.
During this time, the 1V precharge circuitry is active and
forces 1V through 100k nominal resistors to the SDA
and SCL pins. Because the I/O card is being plugged
into a live backplane, the voltage on the backplane SDA
and SCL busses may be anywhere between 0V and VCC.
Precharging the SCL and SDA pins to 1V minimizes the
worst-case voltage differential these pins will see at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com