Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4307CMS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4307CMS8
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307CMS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC4307CMS8 Datasheet HTML 1Page - Linear Technology LTC4307CMS8 Datasheet HTML 2Page - Linear Technology LTC4307CMS8 Datasheet HTML 3Page - Linear Technology LTC4307CMS8 Datasheet HTML 4Page - Linear Technology LTC4307CMS8 Datasheet HTML 5Page - Linear Technology LTC4307CMS8 Datasheet HTML 6Page - Linear Technology LTC4307CMS8 Datasheet HTML 7Page - Linear Technology LTC4307CMS8 Datasheet HTML 8Page - Linear Technology LTC4307CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4307
5
4307f
ICC vs Temperature
IPULLUPAC vs Temperature
ISD vs Temperature
Input-Output High to Low
Propagation Delay vs COUT
Connection Circuitry VOUT – VIN
(VOS)
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C, VCC = 3.3V, unless otherwise indicated.
Bus Stuck Low Timeout vs VCC
TEMPERATURE (
°C)
–50
6.8
7.1
7.4
25
75
4307 G01
6.5
6.2
5.9
–25
0
50
7.7
8.0
8.3
100
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE (
°C)
–50
0
4
8
12
–25
0
25
50
4307 G02
75
16
20
100
VCC = 5.5V
VCC = 3.3V
TEMPERATURE (
°C)
–50
700
750
800
850
–25
0
25
50
4307 G02
75
900
950
100
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE (
°C)
–50
0
20
40
60
80
100
–25
025
50
4307 G04
75
100
CIN = COUT = 50pF
RPULLUPIN = RPULLUPOUT = 10k
VCC = 5.5V
VCC = 3.3V
VCC = 2.3V
VCC (V)
2
26
28
30
32
3
4
4.5
4307 G06
34
2.5
3.5
5
5.5
Input-Output High to Low
Propagation Delay vs Temperature
COUT (pF)
0
130
120
110
100
90
80
70
60
800
4307 G07
200
400
600
1000
CIN = 50pF
RPULLUPIN = RPULLUPOUT = 10k
VCC = 5.5V
VCC = 3.3V
RPULLUP (kΩ)
1
45
55
65
75
85
234
5
4307 G05
67
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com