Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4307CMS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4307CMS8
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307CMS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4307CMS8 Datasheet HTML 8Page - Linear Technology LTC4307CMS8 Datasheet HTML 9Page - Linear Technology LTC4307CMS8 Datasheet HTML 10Page - Linear Technology LTC4307CMS8 Datasheet HTML 11Page - Linear Technology LTC4307CMS8 Datasheet HTML 12Page - Linear Technology LTC4307CMS8 Datasheet HTML 13Page - Linear Technology LTC4307CMS8 Datasheet HTML 14Page - Linear Technology LTC4307CMS8 Datasheet HTML 15Page - Linear Technology LTC4307CMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4307
13
4307f
Simplified ATCA IPMB Application
High VIL Application
R5
10k
R6
10k
R7
10k
C1
0.01
μF
SCL
SDA
READY
R2
1.8k
R1
1.8k
5V
R3
200
Ω
R4
200
Ω
VCC
LTC4307
TEMPERATURE
SENSOR
SCLIN
SDAIN
ENABLE
SCLOUT
SDAOUT
READY
GND
4307 TA02
5V
SDAOUT
SCLOUT
SDAIN
SCLIN
ENABLE
VCC
R1
10k
R2
10k
R3
2.7k
C1
0.01
μF
DC/DC
DC/DC
R4
2.7k
R5
10k
R6
10k
LTC4307
SDAOUT
SCLOUT
SDAIN
SCLIN
ENABLE
VCC
LTC4307
4307 TA03
VCC
3.3V
3.3V
–48V
–48V
–48V
ShMC
VCC
IPMC
IPM
BUS
(1 OF 2)
SHELF MANAGER
ATCA BOARD
C2
0.01
μF
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com