Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4307CMS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4307CMS8
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307CMS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC4307CMS8 Datasheet HTML 1Page - Linear Technology LTC4307CMS8 Datasheet HTML 2Page - Linear Technology LTC4307CMS8 Datasheet HTML 3Page - Linear Technology LTC4307CMS8 Datasheet HTML 4Page - Linear Technology LTC4307CMS8 Datasheet HTML 5Page - Linear Technology LTC4307CMS8 Datasheet HTML 6Page - Linear Technology LTC4307CMS8 Datasheet HTML 7Page - Linear Technology LTC4307CMS8 Datasheet HTML 8Page - Linear Technology LTC4307CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4307
2
4307f
VCC to GND ................................................. –0.3V to 6V
SDAIN, SCLIN, SDAOUT, SCLOUT,
READY, ENABLE.......................................... –0.3V to 6V
Maximum Sink Current (SDAIN, SCLIN, SDAOUT,
SCLOUT, READY).............................................. 50mA
Operating Temperature Range
LTC4307C ................................................ 0°C to 70°C
LTC4307I .............................................–40°C to 85°C
ORDER PART
NUMBER
DD PART*
MARKING
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) CONNECTION TO GND IS OPTIONAL
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
LBTW
LBTW
LTC4307CDD
LTC4307IDD
(Notes 1, 7)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
Positive Supply Voltage
●
2.3
5.5
V
ICC
Supply Current
VCC = 5.5V, VSCLOUT = VSDAOUT = 0V (Note 6) ●
811
mA
ISD
Shutdown Supply Current
VCC = 5.5V, ENABLE = GND, SDA, SCL = 5.5V ●
900
1200
μA
VPRE
Precharge Voltage
SDA, SCL Floating
●
0.8
1
1.2
V
tIDLE
Bus Idle Time
●
55
95
175
μs
VTHR_ENABLE
ENABLE Threshold
0.8
1.4
2
V
IENABLE
ENABLE Input Current
ENABLE from 0V to VCC
●
0.1
±5
μA
tPLH_EN
ENABLE Delay Off-On
VCC = 3.3V (Figure 1)
95
μs
tPHL_EN
ENABLE Delay On-Off
VCC = 3.3V (Note 3) (Figure 1)
10
ns
tPLH_READY
READY Delay Off-On
VCC = 3.3V (Note 3) (Figure 1)
10
ns
tPHL_READY
READY Delay On-Off
VCC = 3.3V (Note 3) (Figure 1)
10
ns
VOL_READY
READY Output Low Voltage
IPULLUP = 3mA, VCC = 2.3V
●
0.4
V
IOFF_READY
READY Off Leakage Current
VCC = READY = 5.5V
●
0.1
±5
μA
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Storage Temperature Range
DFN....................................................– 65°C to 125°C
MSOP ................................................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ............................................................... 300°C
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
ENABLE
SCLOUT
SCLIN
GND
VCC
SDAOUT
SDAIN
READY
ORDER PART
NUMBER
MS8 PART*
MARKING
LTC4307CMS8
LTC4307IMS8
LTBTV
LTBTV
1
2
3
4
ENABLE
SCLOUT
SCLIN
GND
8
7
6
5
VCC
SDAOUT
SDAIN
READY
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 200°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com