Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4307CMS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4307CMS8
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307CMS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC4307CMS8 Datasheet HTML 1Page - Linear Technology LTC4307CMS8 Datasheet HTML 2Page - Linear Technology LTC4307CMS8 Datasheet HTML 3Page - Linear Technology LTC4307CMS8 Datasheet HTML 4Page - Linear Technology LTC4307CMS8 Datasheet HTML 5Page - Linear Technology LTC4307CMS8 Datasheet HTML 6Page - Linear Technology LTC4307CMS8 Datasheet HTML 7Page - Linear Technology LTC4307CMS8 Datasheet HTML 8Page - Linear Technology LTC4307CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4307
3
4307f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay and Rise-Time Accelerators
tPHL
SDA/SCL Propagation Delay High to Low
CLOAD = 50pF, 2.7k to VCC on SDA, SCL,
VCC = 3.3V (Notes 2, 3) (Figure 1)
70
ns
tPLH
SDA/SCL Propagation Delay Low to High
CLOAD = 50pF, 2.7k to VCC on SDA, SCL,
VCC = 3.3V (Notes 2, 3) (Figure 1)
10
ns
tRISE
SDA/SCL Transition Time Low to High
CLOAD = 100pF, 10k to VCC on SDA, SCL, VCC
= 3.3V (See Notes 3, 4) (Figure 1)
30
300
ns
tFALL
SDA/SCL Transition Time High to Low
CLOAD = 100pF, 10k to VCC on SDA, SCL, VCC
= 3.3V (See Notes 3, 4) (Figure 1)
30
300
ns
IPULLUPAC
Transient Boosted Pull-Up Current
Positive Transition on SDA, SCL, VCC = 3.3V
(Note 5)
58
mA
Input-Output Connection
VOS
Input-Output Offset Voltage
2.7k to VCC on SDA, SCL, VCC = 3.3V,
Driven SDA/SCL = 0.2V
●
20
60
100
mV
VTHR
SDA, SCL Logic Input Threshold Voltage
Rising Edge
0.45VCC 0.55VCC 0.65VCC
V
VHYS
SDA, SCL Logic Input Threshold Voltage
Hysteresis
(Note 3)
50
mV
CIN
Digital Input Capacitance SDAIN, SDAOUT,
SCLIN, SCLOUT
(Note 3)
10
pF
ILEAK
Input Leakage Current
SDA, SCL, Pins
●
±5
μA
VOL
Output Low Voltage
SDA, SCL Pins, ISINK = 4mA,
Driven SDA/SCL = 0.2V, VCC = 2.7V
●
0
0.4
V
2.7k to VCC on SDA, SCL, VCC = 3.3V,
Driven SDA/SCL = 0.1V
●
120
160
205
mV
VILMAX
Buffer Input Logic Low Voltage
VCC = 3.3V
●
1.2
V
Bus Stuck Low Timeout
tTIMEOUT
Bus Stuck Low Timer
VCC = 3.3V, SDAOUT, SCLOUT = 0V
●
25
30
35
ms
Timing Characteristics
fI2C,MAX
I2C Maximum Operating Frequency
(Note 3)
400
600
kHz
tBUF
Bus Free Time Between Stop and Start
Condition
(Note 3)
1.3
μs
tHD,STA
Hold Time After (Repeated) Start Condition (Note 3)
100
ns
tSU,STA
Repeated Start Condition Set-Up Time
(Note 3)
0
ns
tSU,STO
Stop Condition Set-Up Time
(Note 3)
0
ns
tHD,DATI
Data Hold Time Input
(Note 3)
0
ns
tSU,DAT
Data Set-Up Time
(Note 3)
100
ns
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: See “Propagation Delays” in the Operations section for a
discussion of tPHL and tPLH as a function of pull-up resistance and bus
capacitance.
Note 3: Determined by design, not tested in production.
Note 4: Measure points are 0.3 • VCC and 0.7 • VCC.
Note 5: IPULLUP varies with temperature and VCC voltage as shown in the
Typical Performance Characteristics section.
Note 6: ICC test performed with connection circuitry active.
Note 7: All currents into pins are positive; all voltages are referenced to
GND unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com