Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6930 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6930
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6930 Datasheet HTML 3Page - Linear Technology LTC6930 Datasheet HTML 4Page - Linear Technology LTC6930 Datasheet HTML 5Page - Linear Technology LTC6930 Datasheet HTML 6Page - Linear Technology LTC6930 Datasheet HTML 7Page - Linear Technology LTC6930 Datasheet HTML 8Page - Linear Technology LTC6930 Datasheet HTML 9Page - Linear Technology LTC6930 Datasheet HTML 10Page - Linear Technology LTC6930 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC6930-X.XX
7
6930fa
PERIOD ERROR (ps)
–450
4216 G11
–300
–150
0
150
450
300
400
300
100
200
0
LTC6930-8.19
V+ = 3V
TA = 25°C
DIVIDE = 1
TIME (HOURS)
0
4216 G17
500
1000
1500
2000
3000
2500
500
400
300
100
200
–400
–300
–100
–200
0
–500
25 PARTS SHOWN
TA = 30°C
6930 G18
400ns/DIV
TIME SINCE POWER APPLIED (μs)
0
4216 G16
50
100
150
200
10
5
–10
–5
–20
–15
–25
0
–30
SUPPLY VOLTAGE (V)
1.7
4216 G13
2.2
2.7
3.2
3.7
4.2
4.7
5.2
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
FALL TIME
RISE TIME
CLOAD = 5pF
TA = 25°C
SUPPLY VOLTAGE (V)
1.7
4216 G14
2.2
2.7
3.2
3.7
4.2
4.7
5.2
100
90
80
60
70
10
20
40
30
50
0
TA = 25°C
DIV SETTING (LOG)
1
10
100
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
6930 G12
8.192MHz
4.194MHz
V+ = 3V
TA = 25°C
SUPPLY VOLTAGE (V)
1.7
4216 G10
2.2
2.7
3.2
3.7
4.2
4.7
5.2
0.30
0.25
0.20
0.15
0.10
0.05
0
8.192MHz
4.194MHz
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Output Rise/Fall Time
vs Supply
Typical Output Resistance vs
Supply Voltage
Typical Output Duty Cycle vs
Supply and Divide Ratio
Typical Frequency Settling from
Power-Up
Typical Frequency Error vs Time
(Long-Term Drift)
Typical Output Waveform at
DIV Pin Change
Typical Jitter vs Supply in Divide
by 1 Mode
Typical Period Jitter Histogram
Typical Jitter vs Divider Setting
SUPPLY VOLTAGE (V)
1.7
4216 G15
2.2
2.7
3.2
3.7
4.2
4.7
5.2
60
58
56
52
54
42
44
48
46
50
40
4MHz, DIVIDE BY 1
DIVIDE BY >1
8MHz, DIVIDE BY 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com