Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6930 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6930
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930 Datasheet(HTML) 3 Page - Linear Technology

  LTC6930 Datasheet HTML 1Page - Linear Technology LTC6930 Datasheet HTML 2Page - Linear Technology LTC6930 Datasheet HTML 3Page - Linear Technology LTC6930 Datasheet HTML 4Page - Linear Technology LTC6930 Datasheet HTML 5Page - Linear Technology LTC6930 Datasheet HTML 6Page - Linear Technology LTC6930 Datasheet HTML 7Page - Linear Technology LTC6930 Datasheet HTML 8Page - Linear Technology LTC6930 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC6930-X.XX
3
6930fa
AC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, specifications apply over the full range of
operating supply voltage and frequency output: V+ = 1.7V to 5.5V and all DIV settings with CLOAD = 5pF, RLOAD = ∞.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Δfi
Initial Frequency Accuracy
DIVA = DIVB = DIVC = 0, TA = 25°C, V+ = 3V
0.08
0.09
%
Δf
Frequency Accuracy
(Note 4)
V+ = 3V – 3.6V
LTC6930C
LTC6930I
LTC6930H
l
l
l
±0.1
±0.1
±0.1
±0.45
±0.65
±1
%
%
%
V+ = 2V – 3.6V
LTC6930C
LTC6930I
LTC6930H
l
l
l
±0.1
±0.1
±0.1
±0.52
±0.65
±1.1
%
%
%
V+ = 1.7V – 5.5V
LTC6930C
LTC6930I
LTC6930H
l
l
l
±0.1
±0.1
±0.1
±0.8
±0.95
±1.3
%
%
%
Δf/ΔT
Frequency Drift Over Temperature
MS8 Package
DCB Package
l
l
0.0001
0.001
%/°C
%/°C
Δf/ΔV
Frequency Drift Over Supply
l
0.07
%/V
Long-Term Frequency Stability
(Note 5)
l
30
ppm/√kHr
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6930IMS8-4.19#PBF
LTC6930IMS8-4.19#TRPBF LTCKZ
8-Lead Plastic MSOP
–40°C to 85°C
LTC6930HMS8-4.19#PBF
LTC6930HMS8-4.19#TRPBF LTCKZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC6930CMS8-5.00#PBF
LTC6930CMS8-5.00#TRPBF LTCLB
8-Lead Plastic MSOP
0°C to 70°C
LTC6930IMS8-5.00#PBF
LTC6930IMS8-5.00#TRPBF LTCLB
8-Lead Plastic MSOP
–40°C to 85°C
LTC6930HMS8-5.00#PBF
LTC6930HMS8-5.00#TRPBF LTCLB
8-Lead Plastic MSOP
–40°C to 125°C
LTC6930CMS8-7.37#PBF
LTC6930CMS8-7.37#TRPBF LTCLC
8-Lead Plastic MSOP
0°C to 70°C
LTC6930IMS8-7.37#PBF
LTC6930IMS8-7.37#TRPBF LTCLC
8-Lead Plastic MSOP
–40°C to 85°C
LTC6930HMS8-7.37#PBF
LTC6930HMS8-7.37#TRPBF LTCLC
8-Lead Plastic MSOP
–40°C to 125°C
LTC6930CMS8-8.00#PBF
LTC6930CMS8-8.00#TRPBF LTCLD
8-Lead Plastic MSOP
0°C to 70°C
LTC6930IMS8-8.00#PBF
LTC6930IMS8-8.00#TRPBF LTCLD
8-Lead Plastic MSOP
–40°C to 85°C
LTC6930HMS8-8.00#PBF
LTC6930HMS8-8.00#TRPBF LTCLD
8-Lead Plastic MSOP
–40°C to 125°C
LTC6930CMS8-8.19#PBF
LTC6930CMS8-8.19#TRPBF LTCLF
8-Lead Plastic MSOP
0°C to 70°C
LTC6930IMS8-8.19#PBF
LTC6930IMS8-8.19#TRPBF LTCLF
8-Lead Plastic MSOP
–40°C to 85°C
LTC6930HMS8-8.19#PBF
LTC6930HMS8-8.19#TRPBF LTCLF
8-Lead Plastic MSOP
–40°C to 125°C
*Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com