Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6930 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6930
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930 Datasheet(HTML) 4 Page - Linear Technology

  LTC6930 Datasheet HTML 1Page - Linear Technology LTC6930 Datasheet HTML 2Page - Linear Technology LTC6930 Datasheet HTML 3Page - Linear Technology LTC6930 Datasheet HTML 4Page - Linear Technology LTC6930 Datasheet HTML 5Page - Linear Technology LTC6930 Datasheet HTML 6Page - Linear Technology LTC6930 Datasheet HTML 7Page - Linear Technology LTC6930 Datasheet HTML 8Page - Linear Technology LTC6930 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC6930-X.XX
4
6930fa
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, specifications apply over the full range of
operating supply voltage and frequency output: V+ = 1.7V to 5.5V and all DIV settings with CLOAD = 5pF, RLOAD = ∞.
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Supply Voltage Applied Between
V+ and GND
l
1.7
5.5
V
IS,DC
V+ Combined Supply Current
LTC6930-4.19
DIVA = DIVB = DIVC = 0, V+ = 1.7V
DIVA = DIVB = DIVC = 0, V+ = 3V
DIVA = DIVB = DIVC = 0, V+ = 5.5V
DIVA = DIVB = DIVC = 1, V+ = 1.7V
DIVA = DIVB = DIVC = 1, V+ = 3V
DIVA = DIVB = DIVC = 1, V+ = 5.5V
l
l
l
l
l
l
170
260
490
80
105
130
290
420
750
160
190
355
μA
μA
μA
μA
μA
μA
LTC6930-5.00
DIVA = DIVB = DIVC = 0, V+ = 1.7V
DIVA = DIVB = DIVC = 0, V+ = 3V
DIVA = DIVB = DIVC = 0, V+ = 5.5V
DIVA = DIVB = DIVC = 1, V+ = 1.7V
DIVA = DIVB = DIVC = 1, V+ = 3V
DIVA = DIVB = DIVC = 1, V+ = 5.5V
l
l
l
l
l
l
201
307
579
95
124
154
430
570
960
176
212
375
μA
μA
μA
μA
μA
μA
IS,DC
V+ Combined Supply Current
LTC6930-7.37
DIVA = DIVB = DIVC = 0, V+ = 1.7V
DIVA = DIVB = DIVC = 0, V+ = 3V
DIVA = DIVB = DIVC = 0, V+ = 5.5V
DIVA = DIVB = DIVC = 1, V+ = 1.7V
DIVA = DIVB = DIVC = 1, V+ = 3V
DIVA = DIVB = DIVC = 1, V+ = 5.5V
l
l
l
l
l
l
296
453
853
139
183
226
480
660
1310
220
273
440
μA
μA
μA
μA
μA
μA
LTC6930-8.00
DIVA = DIVB = DIVC = 0, V+ = 1.7V
DIVA = DIVB = DIVC = 0, V+ = 3V
DIVA = DIVB = DIVC = 0, V+ = 5.5V
DIVA = DIVB = DIVC = 1, V+ = 1.7V
DIVA = DIVB = DIVC = 1, V+ = 3V
DIVA = DIVB = DIVC = 1, V+ = 5.5V
l
l
l
l
l
l
321
491
926
151
198
246
520
740
1380
240
295
475
μA
μA
μA
μA
μA
μA
LTC6930-8.19
DIVA = DIVB = DIVC = 0, V+ = 1.7V
DIVA = DIVB = DIVC = 0, V+ = 3V
DIVA = DIVB = DIVC = 0, V+ = 5.5V
DIVA = DIVB = DIVC = 1, V+ = 1.7V
DIVA = DIVB = DIVC = 1, V+ = 3V
DIVA = DIVB = DIVC = 1, V+ = 5.5V
l
l
l
l
l
l
310
500
880
150
190
210
490
760
1400
270
325
540
μA
μA
μA
μA
μA
μA
VIH
Minimum High Level Input Voltage,
All Digital Input Pins
l
1.25
1.4
V
AC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, specifications apply over the full range of
operating supply voltage and frequency output: V+ = 1.7V to 5.5V and all DIV settings with CLOAD = 5pF, RLOAD = ∞.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RMS Period Jitter
DIVA = DIVB = DIVC = 0, V+ = 3V
LTC6930-4.19 (4.194304MHz)
LTC6930-5.00 (5.000000MHz)
LTC6930-7.37 (7.372800MHz)
LTC6930-8.00 (8.000000MHz)
LTC6930-8.19 (8.192000MHz)
320
1.7
225
1.2
180
0.97
130
0.8
130
0.8
ps RMS
nsP-P
ps RMS
nsP-P
ps RMS
nsP-P
ps RMS
nsP-P
ps RMS
nsP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com