Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6930 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6930
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6930 Datasheet HTML 4Page - Linear Technology LTC6930 Datasheet HTML 5Page - Linear Technology LTC6930 Datasheet HTML 6Page - Linear Technology LTC6930 Datasheet HTML 7Page - Linear Technology LTC6930 Datasheet HTML 8Page - Linear Technology LTC6930 Datasheet HTML 9Page - Linear Technology LTC6930 Datasheet HTML 10Page - Linear Technology LTC6930 Datasheet HTML 11Page - Linear Technology LTC6930 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC6930-X.XX
9
6930fa
MONTHS
0
40
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
6930 F02
20
80
60
10ppm/√kHr
30ppm/√kHr
60ppm/√kHr
APPLICATIONS INFORMATION
state. The 2ns rise and fall times of the LTC6930 mean that
the instantaneous power supply current required during
the rise and fall portions of the waveform is much greater
than the average.
The instantaneous power supply current may be calculated
by a similar formula:
IC
V
t
PEAK
LOAD
SWING
rf
=
••
1
where trf is the rise/fall time of the signal. In this case, 14mA
spikes are generated by driving 5.5V into a 5pF load.
Power is supplied to the output driver of the LTC6930
from the V+ and GND pins on each side of the output pin
(Pins 6 and 8). Allowances must be made in the design
to provide for output load related supply current spikes,
especially in high accuracy applications. A 0.1μF ceramic
capacitor connected between V+ and GND (Pins 6 and 8)
as close as possible to the device will decouple the rest
of the circuit from spikes caused by powering a capacitive
output load of up to 50pF. See Figure 1.
Startup Time
The startup time of the LTC6930 is typically 50μs from the
time that valid power is applied to the first output pulse.
The output is held low for the first 50μs to prevent any
glitches, runt pulses, or invalid frequency output during
startup.
Long-Term Drift
Long-term stability of silicon oscillators is specified in
ppm/√kHr, which is typical of other silicon devices such
as operational amplifiers and voltage references. Because
drift in silicon-based oscillators is generated primarily by
movement of ions in the silicon, most of the drift is ac-
complished early in the life of the device and the drift can
be expected to level off in the long term. The ppm/√kHr
unit models this time variant decay. Crystal oscillators
are often specified with drift measured in ppm/year be-
cause their drift mechanism is different. A comparison of
various drift rates over a five year time period is shown
in Figure 2.
When calculating the amount of drift to be expected, it is
important to consider the entire time in the calculation,
because the relationship to time is not linear. The drift
for 5 years is not 5 times the drift for one year. A sample
Figure 2. 5 Year Drift at Various Rates
Switching the DIV Pins
The LTC6930 is designed to quickly and cleanly respond
to the digital inputs. The output will respond to the DIV
pins within a single clock cycle without introducing any
sliver or runt pulses.
6930 F01
OUT
V+
C2
0.1μF
C1
0.1μF
GND
GND
Figure 1. Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com