Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6930 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6930
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6930 Datasheet HTML 2Page - Linear Technology LTC6930 Datasheet HTML 3Page - Linear Technology LTC6930 Datasheet HTML 4Page - Linear Technology LTC6930 Datasheet HTML 5Page - Linear Technology LTC6930 Datasheet HTML 6Page - Linear Technology LTC6930 Datasheet HTML 7Page - Linear Technology LTC6930 Datasheet HTML 8Page - Linear Technology LTC6930 Datasheet HTML 9Page - Linear Technology LTC6930 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC6930-X.XX
6
6930fa
6930 G09
40ns/DIV
LTC6930-8.00
CLOAD = 12pF
0.45V/DIV
6930 G08
400kHz/DIV
10dB/DIV
TEMPERATURE (°C)
–45
4216 G07
5
55
105
700
600
100
200
400
300
500
0
3V, 8.192MHz
1.7V, 32kHz
CLOAD = 5pF
3V, 4.19MHz
LOAD CAPACITANCE (pF)
0
4216 G05
10
20
30
40
50
60
2000
1000
800
600
200
400
1800
1600
1200
1400
0
LTC6930-8.19
DIV = 1
DIV = 2
DIV = 4
DIV = 8
DIV = 16
DIV = 32
DIV = 64
DIV = 128
V+ = 3V
TA = 25°C
TEMPERATURE (°C)
–45
115 125
4216 G02
–25 –5
15
35
55
75
95
0.60
0.40
0.20
0
–0.20
–0.40
–0.60
V+ = 3V
SUPPLY VOLTAGE (V)
1.7
4216 G06
2.2
2.7
3.2
3.7
4.2
4.7
5.2
1000
900
800
600
700
100
200
400
300
500
0
8.192MHz
DIVIDE = 1
TA = 25°C
4.194MHz
DIV SETTING (LOG)
1
10
100
600
8.192MHz, 3V
4.194MHz, 1.7V
500
400
300
200
100
0
6930 G04
4.194MHz, 3V
8.192MHz, 1.7V
TA = 25°C
SUPPLY VOLTAGE (V)
1.7
4216 G01
2.7
3.7
4.7
0.25
0.20
0.15
0.05
0.10
–0.20
–0.15
–0.05
–0.10
0
–0.25
8.19MHz
TA = 25°C
4.19MHz
TEMPERATURE (°C)
–45
115 125
4216 G03
–25 –5
15
35
55
75
95
0.60
0.40
0.20
0
–0.20
–0.40
–0.60
V+ = 3V
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Supply Current vs
DIV Setting
Typical Supply Current vs
Load Capacitance
Typical Supply Current vs
Supply Voltage
Typical Supply Current vs
Temperature
Typical Output Spectrum, 8MHz
Typical Output Waveform, 8MHz
Typical Frequency Error vs
Supply Voltage
Frequency Error vs Temperature,
MS8 Package
Frequency Error vs Temperature,
DFN Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com