Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6943
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6943 Datasheet HTML 8Page - Linear Technology LTC6943 Datasheet HTML 9Page - Linear Technology LTC6943 Datasheet HTML 10Page - Linear Technology LTC6943 Datasheet HTML 11Page - Linear Technology LTC6943 Datasheet HTML 12Page - Linear Technology LTC6943 Datasheet HTML 13Page - Linear Technology LTC6943 Datasheet HTML 14Page - Linear Technology LTC6943 Datasheet HTML 15Page - Linear Technology LTC6943 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC6943
14
6943f
Linear Variable Differential Transformer (LVDT), Signal Conditioner
6943 • TA18
30k
0.005µF
30k
0.005µF
1/4 LTC6943
5
1µF
200k
OUTPUT
0V
±2.5V
0mm
±2.50mm
10k GAIN
TRIM
6
7
–
+
1/2 LT1013
10k
100k
1.5kHz
4.7k
1.2k
Q1
2N4338
AMPLITUDE
STABLE
SINE WAVE
SOURCE
7.5k
100k
0.01µF
100k
PHASE
TRIM
10µF
LVDT = SCHAEVITZ E-100
1N914
LT1004
1.2V
5V
5V
–5V
–5V
5V
5V
1k
–5V
LVDT
3
2
4
1
8
RD-BLUE
BLK
YEL-BLK
YEL-RED
BLUE
GRN
3
2
4
7
8
1
TO PIN 14, LTC6943
–
+
LT1011
9
7
6
3
11
12
15
10
1/4 LTC6943
–
+
LT1013
TYPICAL APPLICATIO S
6943 TA21
A1
LTC1150
C2
1µF
OUT
+15
0-10V
C3
0.1
= 0-100°C,
1°C ACCURACY
1M*
2.019k*
86k*
1
5
549k*
500k
1M
49.9k*
Q1
2N3906
Q2
TEMPERATURE
SENSOR
TRANSISTOR
0.01
C1
1µF
10k
+15
10k
LT1009
2.5V
LTC6943
+15V
0.1% FILM RESISTOR
SENSOR TRANSISTOR MAY BE ANY SMALL SIGNAL NPN-2N2222, 3904, ETC.
DO NOT USE GOLD DOPED TRANSISTORS.
13
16
2
14
*
–
+
∆VBE Based Thermometer Requires No Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com