Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6943
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943 Datasheet(HTML) 5 Page - Linear Technology

  LTC6943 Datasheet HTML 1Page - Linear Technology LTC6943 Datasheet HTML 2Page - Linear Technology LTC6943 Datasheet HTML 3Page - Linear Technology LTC6943 Datasheet HTML 4Page - Linear Technology LTC6943 Datasheet HTML 5Page - Linear Technology LTC6943 Datasheet HTML 6Page - Linear Technology LTC6943 Datasheet HTML 7Page - Linear Technology LTC6943 Datasheet HTML 8Page - Linear Technology LTC6943 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6943
5
6943f
Test Circuit 1. Leakage Current Test
Common Mode Rejection Ratio (CMRR)
The LTC6943, when used as a differential to single-ended
converter rejects common mode signals and preserves
differential voltages (Figure 1). Unlike other techniques,
the LTC6943’s CMRR does not degrade with increasing
common mode voltage frequency. During the sampling
mode, the impedance of Pins 1, 2 (and 9, 10) should be
balanced, otherwise, common mode signals will appear
differentially. The value of the CMRR depends on the value
of the sampling and holding capacitors (CS, CH) and on the
sampling frequency. Since the common mode voltages
are not sampled, the common mode signal frequency can
well exceed the sampling frequency without experiencing
aliasing phenomena. The CMRR of Figure 1 is measured
by shorting Pins 6 and 11 and by observing, with a
TEST CIRCUITS
Test Circuit 2. RON Test
Test Circuit 3. Oscillator Frequency, fOSC
Test Circuit 4. CMRR Test
6943 • TC04
CMRR = 20 LOG
()
FOR OPTIMUM CMRR, THE COSC SHOULD
BE LARGER THAN 0.0047µF, AND
THE SAMPLING CAPACITOR ACROSS
PINS 9 AND 10 SHOULD BE PLACED
OVER A SHIELD TIED TO PIN 8
+
V– ≤ VCM ≤ V
+
VCM
VOUT
VOUT
11
12
10
9
8
67
1µF
1µF
CAPACITORS ARE
NOT ELECTROLYTIC
NOTE:
APPLICATIO S I FOR ATIO
Figure 1. Differential to Single-Ended Converter
6943 • TC01
(6, 11, 5, 16)
(7, 12, 4, 13)
(9, 10, 1, 2)
NOTE: TO OPEN SWITCHES,
S1 AND S3 PIN 14,
SHOULD BE CONNECTED
TO V–. TO OPEN S2, S4, THE
COSC PIN 14 SHOULD BE
CONNECTED TO V+ COSC
+
A
0V TO 10V
6943 • AI01
CS, CH ARE MYLAR OR POLYPROPYLENE
+
CH
CS
C–
C+
VD
11
12
10
9
1/2 LTC6943
67
VD
VCM
+
+
+
V+
6943 • TC03
3
V–
14
(TEST PIN)
IV
4
LTC6943
15
COSC
1
+
5
6943 • TC02
(6, 11, 5, 16)
(7, 12, 4, 13)
(9, 10, 1, 2)
100µA to 1mA
CURRENT SOURCE
+
A
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com