Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6943
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943 Datasheet(HTML) 2 Page - Linear Technology

  LTC6943 Datasheet HTML 1Page - Linear Technology LTC6943 Datasheet HTML 2Page - Linear Technology LTC6943 Datasheet HTML 3Page - Linear Technology LTC6943 Datasheet HTML 4Page - Linear Technology LTC6943 Datasheet HTML 5Page - Linear Technology LTC6943 Datasheet HTML 6Page - Linear Technology LTC6943 Datasheet HTML 7Page - Linear Technology LTC6943 Datasheet HTML 8Page - Linear Technology LTC6943 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6943
2
6943f
LTC6943C
LTC6943I
LTC6943H
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IS
Power Supply Current
Pin 14 Connected High or Low
40
60
40
60
µA
●
90
90
µA
COSC (Pin 14 to V –) = 100pF
80
150
80
150
µA
●
170
170
µA
II
OFF Leakage Current
Any Switch, Test Circuit 1 (Note 3)
6
100
6
100
pA
●
40
200
nA
RON
ON Resistance
Test Circuit 2, VIN = 7V, 1 = ±0.5mA
240
400
240
400
Ω
V+ = 10V, V – = 0V
●
700
700
Ω
RON
ON Resistance
Test Circuit 2, VIN = 3.1V, 1 = ±0.5mA
400
700
400
700
Ω
V + = 5V, V – = 0V
●
11
kΩ
fOSC
Internal Oscillator Frequency
COSC (Pin 14 to V –) = 0pF
185
185
kHz
COSC (Pin 14 to V –) = 100pF
20
30
50
20
30
50
kHz
Test Circuit 3
●
12
75
10
75
kHz
IOSC
Pin Source or Sink Current
Pin 14 at V+ or V –
40
70
40
70
µA
●
100
100
µA
Break-Before-Make Time
25
25
ns
Clock to Switching Delay
COSC Pin Externally Driven
75
75
ns
fM
Maximum External CLK Frequency COSC Pin Externally Driven with CMOS Levels
5
5
MHz
CMRR
Common Mode Rejection Ratio
V+ = 5V, V – = – 5V, –5V < VCM < 5V
120
120
dB
DC to 400Hz
Supply Voltage ........................................................ 18V
Input Voltage at Any Pin .......... – 0.3V ≤ VIN ≤ V+ + 0.3V
Operating Temperature Range
(Note 2) ............................................ – 40°C to 125°C
Specified Temperature Range
(Note 2) .............................................–40°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All versions of the LTC6943 are guaranteed functional over the
operating temperature range of –40°C to 125°C. The LTC6943CGN is
guaranteed to meet 0°C to 70°C specifications and is designed,
characterized and expected to meet the specified performance from –40°C
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. V+ = 10V, V– = 0V
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 110°C/W
LTC6943CGN
LTC6943IGN
LTC6943HGN
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CB+
CB–
V+
S2B
S1B
S1A
S2A
SHA
S3B
V–
COSC
S4B
S4A
S3A
CA–
CA+
to 85°C but it is not tested or QA sampled at these temperatures.
The LTC6943IGN is guaranteed to meet specified performance from –40°C
to 85°C. The LTC6943HGN is guaranteed to meet specified performance
from –40°C to 125°C.
Note 3: OFF leakage current at 25°C is guaranteed by design and it is not
100% tested in production.
GN PART
MARKING
6943C
6943I
6943H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com