Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6943
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943 Datasheet(HTML) 3 Page - Linear Technology

  LTC6943 Datasheet HTML 1Page - Linear Technology LTC6943 Datasheet HTML 2Page - Linear Technology LTC6943 Datasheet HTML 3Page - Linear Technology LTC6943 Datasheet HTML 4Page - Linear Technology LTC6943 Datasheet HTML 5Page - Linear Technology LTC6943 Datasheet HTML 6Page - Linear Technology LTC6943 Datasheet HTML 7Page - Linear Technology LTC6943 Datasheet HTML 8Page - Linear Technology LTC6943 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC6943
3
6943f
Power Supply Current vs
Power Supply Voltage
(Test Circuits 2 through 4)
TYPICAL PERFOR A CE CHARACTERISTICS
RON vs VIN
RON vs VIN
RON vs VIN
RON (Peak) vs Power Supply
Voltage and Temperature
RON (Peak) vs Power Supply
Voltage
Oscillator Frequency, fOSC
vs COSC
Normalized Oscillator Frequency,
fOSC vs Supply Voltage
Oscillator Frequency, fOSC
vs Supply Voltage
VIN (V)
0
350
450
550
4
LTC1043 • TPC02
250
150
300
400
500
200
100
1
2
3
5
V+ = 5V
V– = 0V
TA = 25°C
VIN
RON (PEAK)
I = mA
I = 100
µA
I = 100
µA
VIN (V)
0
180
220
260
16
LTC1043 • TPC04
140
100
160
200
240
120
80
4
2
8
6
12 14
18
10
20
V+ = 15V
V– = 0V
TA = 25°C
VIN
RON (PEAK)
I = mA
I = 100
µA
I = 100
µA
VIN (V)
0
200
240
280
8
LTC1043 • TPC03
160
120
220
260
180
140
100
2
4
6
10
7
1
3
5
9
V+ = 10V
V– = 0V
TA = 25°C
VIN
RON (PEAK)
I = mA
I = 100
µA
I = 100
µA
VSUPPLY (V)
0
600
800
1000
16
LTC1043 • TPC05
400
200
500
700
900
300
100
0
4
2
8
6
12 14
18
10
20
VIN
RON (PEAK)
VIN = 1.6V
VIN ≈ 3.2V
VIN ≈ 7V
VIN ≈ 11V
VIN ≈ 15.1V
3V ≤ V+ + ≤18V
V– = 0V
TA = 25°C
I = 100µA
VSUPPLY (V)
0
700
900
1100
16
LTC1043 • TPC06
500
300
600
800
1000
400
200
100
4
2
8
6
12 14
18
10
20
VIN
RON (PEAK)
TA = 125°C
TA = –55°C
I = 100µA
TA = 70°C
VSUPPLY (V)
0
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4
8
10
18
6943 TPC01
26
12
14
16
COSC = 0pF, TA = –55°C
COSC = 0pF, TA = 25°C
COSC = 0pF, TA = 125°C
COSC = 4700pF, TA = –55°C
COSC = 4700pF, TA = 25°C
COSC = 4700pF, TA = 125°C
COSC (pF)
1000
100
10
1
0.1
0
2000
3000
4000
5000
6943 TPC07
1000
TA = 25°C
VS = 5V
VS = 15V
VS = 10V
VSUPPLY (V)
0
250
225
200
175
150
125
100
75
50
25
0
4
8
10
18
6943 TPC08
26
12
14
16
TA = 25°C
COSC = 0pF
COSC = 100pF
VSUPPLY (V)
0
1.0
1.3
1.5
610
16
18
6943 TPC09
0.5
0.3
0
24
8
12
14
TA = 25°C
COSC = 0pF
COSC = 10,000pF
COSC = 100pF
COSC = 1,000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com