Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6943 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6943
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6943 Datasheet HTML 2Page - Linear Technology LTC6943 Datasheet HTML 3Page - Linear Technology LTC6943 Datasheet HTML 4Page - Linear Technology LTC6943 Datasheet HTML 5Page - Linear Technology LTC6943 Datasheet HTML 6Page - Linear Technology LTC6943 Datasheet HTML 7Page - Linear Technology LTC6943 Datasheet HTML 8Page - Linear Technology LTC6943 Datasheet HTML 9Page - Linear Technology LTC6943 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6943
6
6943f
Figure 2. CMRR vs Sampling Frequency
Figure 3
APPLICATIO S I FOR ATIO
fOSC (Hz)
100
20
100
120
140
1k
10k
100k
6943 • AI02
80
60
40
CS = CH = 1µF
CS = 1µF, CH = 0.1µF
6943 • AI03
1/8 LTC6943
5
VOUT
VIN
V+
SAMPLE
HOLD TO PIN 14
0V
1000pF
5V
–5V
–
+
1
1/2 LTC1013
precision DVM, the change of the voltage across CH with
respect to an input CM voltage variation. During the
sampling and holding mode, charges are being trans-
ferred and minute voltage transients will appear across the
holding capacitor. Although the RON on the switches is low
enough to allow fast settling, as the sampling frequency
increases, the rate of charge transfer increases and the
average voltage measured with a DVM across it will
increase proportionally; this causes the CMRR of the
sampled data system, as seen by a “continuous” instru-
ment (DVM), to decrease (Figure 2).
Switch Charge Injection
Figure 3 shows one out of the eight switches of the
LTC6943, configured as a basic sample-and-hold circuit.
When the switch opens, a ‘‘hold step’’ is observed and its
magnitude depends on the value of the input voltage.
Figure 4 shows charge injected into the hold capacitor. For
instance, a 2pCb of charge injected into a 0.01µF capacitor
causes a 200µV hold step. As shown in Figure 4, there is
a predictable and repeatable charge injection cancellation
when the input voltage is close to half the supply voltage
of the LTC6943. This is a unique feature of this product,
containing charge-balanced switches fabricated with a
self-aligning gate CMOS process. Any switch of the
LTC6943, when powered with symmetrical dual supplies,
will sample-and-hold small signals around ground with-
out any significant error.
Shielding the Sampling Capacitor for Very High CMRR
Internal or external parasitic capacitors from the C+ pin(s)
to ground affect the CMRR of the LTC6943 (Figure 1).
The common mode error due to the internal junction
capacitances of the C+ Pin(s) 1 and 9 is cancelled through
internal circuitry. The C+ pin, therefore, should be used as
the top plate of the sampling capacitor. A shield placed
underneath the sampling capacitor and connected to C–
helps to boost the CMRR to 120dB (Figure 5).
Excessive external parasitic capacitance between the C–
pins and ground indirectly degrades CMRR; this becomes
visible especially when the LTC6943 is used with clock
frequencies above 2kHz. Because of this, if a shield is
used, the parasitic capacitance between the shield and
circuit ground should be minimized.
It is recommended that the outer plate of the sampling
capacitor be connected to the C– pin(s).
COSC Pin (14)
The COSC pin can be used with an external capacitor, COSC,
connected from Pin 14 to Pin 15, to modify the internal
oscillator frequency. If Pin 16 is floating, the internal 24pF
capacitor, plus any external interpin capacitance, set the
oscillator frequency around 190kHz with ±5V supply. The
typical performance characteristics curves provide the
necessary information to set the oscillator frequency for
various power supply ranges. Pin 14 can also be driven
with an external CMOS level clock to override the internal
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com