Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4601
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 9Page - Linear Technology LTM4601 Datasheet HTML 10Page - Linear Technology LTM4601 Datasheet HTML 11Page - Linear Technology LTM4601 Datasheet HTML 12Page - Linear Technology LTM4601 Datasheet HTML 13Page - Linear Technology LTM4601 Datasheet HTML 14Page - Linear Technology LTM4601 Datasheet HTML 15Page - Linear Technology LTM4601 Datasheet HTML 16Page - Linear Technology LTM4601 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM4601/LTM4601-1
13
4601f
APPLICATIO S I FOR ATIO
is frequency and m is the number of parallel phases. This
calculation process can be easily fulfilled using our Linear
Technology µModule Design Tool.
Fault Conditions: Current Limit and Overcurrent
Foldback
LTM4601 has a current mode controller, which inher-
ently limits the cycle-by-cycle inductor current not only
in steady-state operation, but also in transient.
To further limit current in the event of an overload condi-
tion, the LTM4601 provides foldback current limiting. If the
output voltage falls by more than 50%, then the maximum
output current is progressively lowered to about one sixth
of its full current limit value.
Soft-Start and Tracking
The TRACK/SS pin provides a means to either soft-start
the regulator or track it to a different power supply. A
capacitor on this pin will program the ramp rate of the
output voltage. A 1.5µA current source will charge up the
external soft-start capacitor to 80% of the 0.6V internal
voltage reference minus any margin delta. This will control
the ramp of the internal reference and the output voltage.
The total soft-start time can be calculated as:
tV
V V
C
µ
SOFTSTART
OUT MARGIN
SS
=
()
08
06
15
.•
.–
.
()
A
A
When the RUN pin falls below 1.5V, then the SS pin is reset
to allow for proper soft-start control when the regulator
is enabled again. Current foldback and force continuous
mode are disabled during the soft-start process. The
soft-start function can also be used to control the output
ramp up time, so that another regulator can be easily
tracked to it.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK/SS pin. The output can be tracked up and
down with another regulator. The master regulator’s output
is divided down with an external resistor divider that is the
same as the slave regulator’s feedback divider. Figure 5
shows an example of coincident tracking. Ratiometric
modes of tracking can be achieved by selecting different
resistor values to change the output tracking ratio. The
master output must be greater than the slave output for
the tracking to work. Figure 6 shows the coincident output
tracking characteristics.
Figure 5
Figure 6
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
TRACK CONTROL
PLLIN
LTM4601
RSET
40.2k
100k
R1
40.2k
MASTER
OUTPUT
R2
60.4k
COUT
SLAVE OUTPUT
4601 F05
60.4k FROM
VOUT TO VFB
CIN
VIN
fSET
PGND
SGND
VIN
OUTPUT
VOLTAGE
TIME
4601 F06
MASTER OUTPUT
SLAVE OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com