Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4601
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 17Page - Linear Technology LTM4601 Datasheet HTML 18Page - Linear Technology LTM4601 Datasheet HTML 19Page - Linear Technology LTM4601 Datasheet HTML 20Page - Linear Technology LTM4601 Datasheet HTML 21Page - Linear Technology LTM4601 Datasheet HTML 22Page - Linear Technology LTM4601 Datasheet HTML 23Page - Linear Technology LTM4601 Datasheet HTML 24Page - Linear Technology LTM4601 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM4601/LTM4601-1
21
4601f
APPLICATIO S I FOR ATIO
Figure 16. 5V at 8A Design Without Differential Amplifier
Solution
Lower the switching frequency at lower input voltages to
allow for higher duty cycles, and meet the 400ns mini-
mum off-time at 4.5V input voltage. The off-time should
be about 500ns with 100ns guard band. The duty cycle
for (3.3V/4.5) = ~73%. Frequency = (1 – DC)/tOFF, or
(1 – 0.73)/500ns = 540kHz. The switching frequency needs
to be lowered to 540kHz at 4.5V input. tON = DC/frequency,
or 1.35µs. The fSET pin voltage compliance is 1/3 of VIN, and
the IfSET current equates to 38µA with the internal 39.2k.
The IfSET current needs to be 24µA for 540kHz operation.
A resistor can be placed from VOUT to fSET to lower the
effective IfSET current out of the fSET pin to 24µA. The
fSET pin is 4.5V/3 =1.5V and VOUT = 3.3V, therefore 130k
will source 14µA into the fSET node and lower the IfSET
current to 24µA. This enables the 540kHz operation and
the 4.5V to 20V input operation for down converting to
3.3V output. The frequency will scale from 540kHz to 1.1
MHz over this input range. This provides for an effective
output current of 8A over the input range.
VOUT
VFB
MARG0
MARG1
VOUT_LCL
NC3
NC1
NC2
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601-1
R1
392k
1%
RfSET
100k
RSET
8.25k
C3
100
µF
6.3V
SANYO POSCAP
4601 F16
VOUT
5V
8A
TRACK/SS CONTROL
REVIEW TEMPERATURE
DERATING CURVE
C6 100pF
REFER TO
TABLE 2
C2
10
µF
25V
IMPROVE
EFFICIENCY
FOR
≥12V INPUT
C1
10
µF
25V
R4
100k
R2
100k
VIN
VOUT
fSET
PGND
MARGIN CONTROL
SGND
5% MARGIN
VIN
10V TO 20V
DUAL
CMSSH-3C3
SOT-323
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com