Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4601
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 16Page - Linear Technology LTM4601 Datasheet HTML 17Page - Linear Technology LTM4601 Datasheet HTML 18Page - Linear Technology LTM4601 Datasheet HTML 19Page - Linear Technology LTM4601 Datasheet HTML 20Page - Linear Technology LTM4601 Datasheet HTML 21Page - Linear Technology LTM4601 Datasheet HTML 22Page - Linear Technology LTM4601 Datasheet HTML 23Page - Linear Technology LTM4601 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTM4601/LTM4601-1
20
4601f
APPLICATIO S I FOR ATIO
Frequency Adjustment
The LTM4601 is designed to typically operate at 850kHz
across most input conditions. The fSET pin is normally left
open or decoupled with an optional 1000pF capacitor. The
switching frequency has been optimized for maintaining
constant output ripple noise over most operating ranges.
The 850kHz switching frequency and the 400ns minimum
off time can limit operation at higher duty cycles like 5V to
3.3V, and produce excessive inductor ripple currents for
lower duty cycle applications like 20V to 5V. The 5V and
3.3V drop out curves are modified by adding an external
resistor on the fSET pin to allow for lower input voltage
operation, or higher input voltage operation.
Example for 5V Output
LTM4601 minimum on-time = 100ns;
tON = ((4.8 • 10pf)/IfSET)
LTM4601 minimum off-time = 400ns; tOFF = t – tON,
where t = 1/Frequency
Duty Cycle = tON/t or VOUT/VIN
Equations for setting frequency:
IfSET = (VIN/(3 • RfSET)), for 20V operation, ISET = 170µA,
tON = ((4.8 • 10pF)/IfSET), tON = 282ns, where the internal
RfSET is 39.2k. Frequency = (VOUT/(VIN • tON)) = (5V/(20 •
282ns)) ~ 886kHz. The inductor ripple current begins to
get high at the higher input voltages due to a larger voltage
across the inductor. This is noted in the Typical Inductor
Ripple Current verses Duty Cycle graph (Figure 3) where
IL ≈ 10A at 25% duty cycle. The inductor ripple current
can be lowered at the higher input voltages by adding an
external resistor from fSETtogroundtoincreasetheswitch-
ing frequency. An 8A ripple current is chosen, and the total
peak current is equal to 1/2 of the 8A ripple current plus
the output current. The 5V output current is limited to 8A,
so the total peak current is less than 12A. This is below the
14A peak specified value. A 100k resistor is placed from
fSET to ground, and the parallel combination of 100k and
39.2k equates to 28k. The IfSET calculation with 28k and
20V input voltage equals 238µA. This equates to a tON of
200ns. This will increase the switching frequency from
~886kHz to ~1.25MHz for the 20V to 5V conversion. The
minimum on time is above 100ns at 20V input. Since
the switching frequency is approximately constant over
input and output conditions, then the lower input voltage
range is limited to 10V for the 1.25MHz operation due to
the 400ns minimum off time. Equation: tON = (VOUT/VIN)
• (1/Frequency) equates to a 400ns on time, and a 400ns
off time. The “VIN to VOUT Step Ratio Curve” reflects an
operating range of 10V to 20V for 1.25MHz operation with
a 100k resistor to ground, and an 8V to 16V operation for
fSET floating. These modifications are made to provide
wider input voltage ranges for the 5V output designs while
limiting the inductor ripple current, and maintaining the
400ns minimum off time.
Example for 3.3V Output
LTM4601 minimum on-time = 100ns;
tON = ((3.3 • 10pF)/IfSET)
LTM4601 minimum off-time = 400ns;
tOFF = t – tON, where t = 1/Frequency
Duty Cycle (DC) = tON/t or VOUT/VIN
Equations for setting frequency:
IfSET = (VIN/(3 • RfSET)), for 20V operation, IfSET = 170µA,
tON = ((3.3 • 10pf)/IfSET), tON = 195ns, where the internal
RfSET is 39.2k. Frequency = (VOUT/(VIN • tON)) = (3.3V/(20
• 195ns)) ~ 846kHz. The minimum on-time and minimum-
off time are within specification at 195ns and 980ns. The
4.5V minimum input for converting 3.3V output will not
meet the minimum off-time specification of 400ns. tON =
868ns, Frequency = 850kHz, tOFF = 315ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com