Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4601
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 18Page - Linear Technology LTM4601 Datasheet HTML 19Page - Linear Technology LTM4601 Datasheet HTML 20Page - Linear Technology LTM4601 Datasheet HTML 21Page - Linear Technology LTM4601 Datasheet HTML 22Page - Linear Technology LTM4601 Datasheet HTML 23Page - Linear Technology LTM4601 Datasheet HTML 24Page - Linear Technology LTM4601 Datasheet HTML 25Page - Linear Technology LTM4601 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM4601/LTM4601-1
22
4601f
APPLICATIO S I FOR ATIO
Figure 17. 3.3V at 10A Design
Figure 18. Typical 4.5V-20VIN, 1.5V at 12A Design
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601
R1
392k
R4
100k
R2
100k
RSET
13.3k
RfSET
130k
MARGIN CONTROL
C3
100
µF
6.3V
SANYO POSCAP
4601 F17
VOUT
3.3V
10A
TRACK/SS CONTROL
C6 100pF
C2
10
µF
25V
×3
VIN
VOUT
fSET
PGND
SGND
5% MARGIN
VIN
4.5V TO 16V
REVIEW TEMPERATURE
DERATING CURVE
+
PGOOD
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601
R1
392k
R4
100k
R2
100k
RSET
40.2k
COUT1
100
µF
6.3V
C5
0.01
µF
COUT2
470
µF
6.3V
MARGIN
CONTROL
4601 F18
VOUT
1.5V
12A
CLOCK SYNC
C3 100pF
REFER TO
TABLE 2 FOR
DIFFERENT
OUTPUT
VOLTAGE
CIN
BULK
OPT
CIN
10
µF
25V
×3 CER
VIN
VOUT
fSET
PGND
SGND
5% MARGIN
VIN
4.5V TO 20V
REVIEW TEMPERATURE
DERATING CURVE
+
+
PGOOD
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com