Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2921IGN
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2921IGN Datasheet HTML 3Page - Linear Technology LTC2921IGN Datasheet HTML 4Page - Linear Technology LTC2921IGN Datasheet HTML 5Page - Linear Technology LTC2921IGN Datasheet HTML 6Page - Linear Technology LTC2921IGN Datasheet HTML 7Page - Linear Technology LTC2921IGN Datasheet HTML 8Page - Linear Technology LTC2921IGN Datasheet HTML 9Page - Linear Technology LTC2921IGN Datasheet HTML 10Page - Linear Technology LTC2921IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2921/LTC2922 Series
7
29212fa
Figure 1. LTC2921 and LTC2922 Functional Diagram
2921/22 F01
LATCH
OVERVOLTAGE
MONITOR
OVERVOLTAGE
MONITOR
OVERVOLTAGE
MONITOR
OVERVOLTAGE
MONITOR
OVERVOLTAGE
MONITOR
CONTROL
LOGIC
VPUMP
VPUMP
VPUMP
GATE
ON
TIMER
DONE
PULSE
TIMER
DONE
CIRCUIT
BREAKER
RESET PULSE
TIMER ENABLE
TIMER
ENABLE
GATE
ENABLE
REMOTE
SENSE
SWITCH
ENABLE
PG
ENABLE
4
µA
2
µA
10
µA
VCC
VCC
PG
GATE
TIMER
+ –
50mV
0.5V
0.7V
SENSE
VCC
V1
V2
V3
V4
(LTC2922 ONLY)
D4
S4
(LTC2922 ONLY)
D3
D2
D1
(LTC2922 ONLY)
D0
S0
(LTC2922 ONLY)
S1
S2
S3
1.2V
OVERCURRENT
UNDERVOLTAGE
SWITCHES ON
VSWON
VSWON
VSWON
REMOTE
SENSE
SWITCH
GATE
REFERENCE
GENERATOR
AND
CHARGE
PUMP
+
–
VPUMP ≈ 11.1V
AT VCC =5V
1.2V
0.7V
0.5V
GND
APPROXIMATELY 1V
FUNCTIONAL DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com