Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2921IGN
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2921IGN Datasheet HTML 12Page - Linear Technology LTC2921IGN Datasheet HTML 13Page - Linear Technology LTC2921IGN Datasheet HTML 14Page - Linear Technology LTC2921IGN Datasheet HTML 15Page - Linear Technology LTC2921IGN Datasheet HTML 16Page - Linear Technology LTC2921IGN Datasheet HTML 17Page - Linear Technology LTC2921IGN Datasheet HTML 18Page - Linear Technology LTC2921IGN Datasheet HTML 19Page - Linear Technology LTC2921IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2921/LTC2922 Series
17
29212fa
APPLICATIO S I FOR ATIO
Next, consider the supply ramping N-channel MOSFETs
Q0, Q1 and Q2. Transistor Q0 will have >4.5V of gate-
source voltage, even at maximum supply voltage (5.375V)
and minimum GATE pin voltage (10V). Considering the
voltages, temperatures, and currents involved, the maxi-
mum on-resistance (RQ(ON)(MAX)) of the Vishay Siliconix
Si2316DS is about 150m
Ω. Switches Q1 and Q2 will see
even higher gate-source voltages, implying even smaller
RQ(ON)(MAX) values. Table 2 summarizes the calculated
VQ(ON)(MAX) voltages. Include the additional 50mV drop
across RSENSE when budgeting for the VCC supply path.
Table 2. External MOSFET Drain-Source Voltage Drops
Supply
External
RQ(ON)
IL
VQ(ON)
Voltage
MOSFET
Max
Max
Max
120mV
5V
Q0
~150m
Ω
0.8A
(+50mV = 170mV)
3.3V
Q1
<150m
Ω
1.6A
<240mV
2.5V
Q2
<150m
Ω
0.4A
<60mV
The
±20V absolute maximum gate-source voltage rating
of the Si2316DS easily accommodates this design.
Next, calculate the necessary capacitance on the GATE pin
to realize the desired ramp rate. Use the nominal value of
VGATE from the Electrical Specification, and choose a
standard value.
C
Ams
V
FF
GATE =
µ
=µ ≈
µ
10
500
10 8
0 463
0 47
•
.
..
Include drain bypass capacitors of 0.1
µF and series gate
resistors of 10
ΩoneachexternalpowerFETtodampturn-
on oscillations.
Find the capacitance at the TIMER pin required to set the
delays in the power-on sequence:
C
A
V
ms
F
F
TIMER =
µ
=µ ≈
µ
2
12
150
0 25
0 22
.
•.
.
The application requires the use of the circuit breaker
function on the VCC supply. First, find the upper limit on the
sense resistor value:
R
mV
A
m
SENSE ≤=
Ω
45
08
53 25
.
.
Select a precision power sense resistor, such as the
Vishay Dale WSL1206 series. They can be specified to 1%,
and exhibit <1% variation over the LTC2921/LTC2922
operating range; choose RSENSE = 50mΩ. Including toler-
ances, the circuit breaker trip current threshold variation
will be:
I
mV
m
A
I
mV
m
A
TRIP MIN
TRIP MAX
()
()
.
.
=
Ω
=
=
Ω
=
45
51
088
55
49
112
The PG pin is configured as a 2.5V negative-logic reset
signal for the microcontroller. The minimum pull-up resis-
tance for proper operation is:
R
VV
mA
PG MIN
()
.– .
=≈
Ω
2 6875
0 4
5
460
Figure 13 shows RPG = 4.7k. The value is somewhat
arbitrarily chosen, but it does limit the pull-down current
to <500
µA. Trade off lower pull-down currents against
faster pull-up edge rates in other applications.
Recall that proper operation of the remote load sensing
function requires:
RQ(ON), RFB(ON) << RX << (RY +RZ)
In this example, the operating conditions and the Si2316DS
give RQ(ON)(MAX) = 150mΩ, the Electrical Characteristics
table guarantees RFB(ON) < 10Ω, and the example design
specification requires that (RY + RZ) <100k. Selecting RX0
= RX1 = RX2 = 100Ω satisfies the inequality.
Before the loads are connected to the supplies, the voltage
error due to the RX resistors will be <0.1% for all three
supplies:
∆=
Ω


==
VV
k
V
of V
SRC
SRC
SRC
SRC
•. %
100
100
1000
01
After the remote sense switches close, the load voltage
errors due to RX at maximum loads will be:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com