Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2921IGN
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC2921IGN Datasheet HTML 1Page - Linear Technology LTC2921IGN Datasheet HTML 2Page - Linear Technology LTC2921IGN Datasheet HTML 3Page - Linear Technology LTC2921IGN Datasheet HTML 4Page - Linear Technology LTC2921IGN Datasheet HTML 5Page - Linear Technology LTC2921IGN Datasheet HTML 6Page - Linear Technology LTC2921IGN Datasheet HTML 7Page - Linear Technology LTC2921IGN Datasheet HTML 8Page - Linear Technology LTC2921IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2921/LTC2922 Series
2
29212fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Pin
VCC
Supply Voltage
Typical Operating Range
LTC2921/LTC2922
4.50
5.00
5.50
V
LTC2921-3.3/LTC2922-3.3
2.97
3.30
3.63
V
LTC2921-2.5/LTC2922-2.5
2.37
2.50
2.63
V
ICC
Supply Current
2mA
VCC(MON)
Supply Monitor Threshold Voltage
LTC2921/LTC2922
q
4.285
4.350
4.415
V
LTC2921-3.3/LTC2922-3.3
q
2.828
2.871
2.914
V
LTC2921-2.5/LTC2922-2.5
q
2.265
2.300
2.335
V
VCC(OV)
Supply Overvoltage Threshold
LTC2921/LTC2922
q
5.82
6.13
6.43
V
LTC2921-3.3/LTC2922-3.3
q
3.84
4.04
4.24
V
LTC2921-2.5/LTC2922-2.5
q
3.08
3.24
3.40
V
VCC Supply Voltage ...................................... –0.3V to 7V
V1, V2, V3, V4 Voltages ............................... –0.3V to 7V
SENSE Voltage ............................................ –0.3V to 7V
TIMER Voltage ............................. –0.3V to (VCC + 0.3V)
Charge Pumped Output Voltages
GATE, PG ............................................ –0.3V to 12.2V
Switch Voltages
S0, D0, S4, D4 (LTC2922 Series) ............ –0.3V to 7V
S1, D1, S2, D2, S3, D3 ............................ –0.3V to 7V
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 110°C/W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Switch Currents (DC, RMS)
S0, D0, S4, D4 (LTC2922 Series) ..................... 30mA
S1, D1, S2, D2, S3, D3 ..................................... 30mA
Operating Ambient Temperature Range
LTC2921C/LTC2922C .............................. 0
°C to 70°C
LTC2921I/LTC2922I ............................–40
°C to 85°C
Junction Temperature (Note 2) ............................. 125
°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC2922CF
LTC2922CF-3.3
LTC2922CF-2.5
LTC2922IF
LTC2922IF-3.3
LTC2922IF-2.5
TJMAX = 125°C, θJA = 90°C/W
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V1
V2
V3
V4
S3
D3
S2
D2
TIMER
VCC
SENSE
GATE
PG
GND
D1
S1
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
SO
TIMER
V1
V2
V3
V4
S4
D4
S3
D3
D0
VCC
SENSE
GATE
PG
GND
D1
S1
D2
S2
F PACKAGE
20-LEAD PLASTIC TSSOP
LTC2921CGN
LTC2921CGN-3.3
LTC2921CGN-2.5
LTC2921IGN
LTC2921IGN-3.3
LTC2921IGN-2.5
GN PART MARKING
2921
292133
292125
2921I
921I33
921I25
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V for LTC2921/LTC2922, VCC = 3.3V for
LTC2921-3.3/LTC2922-3.3, and VCC = 2.5V for LTC2921-2.5/LTC2922-2.5, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com